Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FFQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMS6004FFQ-7
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FFQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMS6004FFQ-7 Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXMS6004FFQ-7
Document number: DS44697 Rev. 1 - 2
2 of 9
www.diodes.com
April 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
ZXMS6004FFQ-7
Marking Information
Functional Block Diagram
1K6
1K6 = Product Type Marking Code
Y or Y: Year: 0 to 9 (ex: 2 = 2022)
W or W: Week: A to Z: Week 1 to 26
a to z: Week 27 to 52
z: Represents Week 52 & 53



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com