Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9109 Datasheet(PDF) 2 Page - Alpha Wire

Part # 9109
Description  20 (7/28) AWG TC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9109 Datasheet(HTML) 2 Page - Alpha Wire

  9109 Datasheet HTML 1Page - Alpha Wire 9109 Datasheet HTML 2Page - Alpha Wire 9109 Datasheet HTML 3Page - Alpha Wire 9109 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) UL
CL2P
125°C
CMP
125°C
2) CSA International
CMP
125°C
3) CE
EU Low Voltage Directive 2006/95/EC
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2)
This product complies with European Directive 2011/65/EU (RoHS Directive) of the European
Parliament and of the Council of 8 June 2011. No Exemptions are required for RoHS
Compliance on this item. Refer to the RoHS Certificate of Compliance.
2) REACH Regulation (EC 1907/2006)
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
3) California Proposition 65
Outer surface materials used in manufacturing this part meet the requirements of California
Proposition 65.
Properties
Physical & Mechanical Properties
1) Temperature Range
-55 to 125°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
24.8 lbs. max.
Electrical Properties
Engineering purposes only
1) Voltage Rating
300 VRMS
2) Max DCR ω/1000ft @20°C
10.5 (Tinned copper)
9.8 (Bare copper)
3) Max Shield DCR
2.25 ω/1000ft
4) Capacitance
13.3 pf/ft @1 kHz
5) Velocity of Propagation
69%
6) Impedance
100 ω +/- 5 @ 1 Mhz
7) Max Attenuation, dB/100ft
1.2 @ 10 MHz
1.7 @ 20 MHz
2.7 @ 50 MHz
8) Nom Attenuation, dB/100ft
0.4 @ 1 MHz
1.2 @ 10 MHz
1.7 @ 20 MHz
2.7 @ 50 MHz
4.2 @ 100 MHz
10.5 @ 400 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com