Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9109 Datasheet(PDF) 1 Page - Alpha Wire

Part # 9109
Description  20 (7/28) AWG TC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9109 Datasheet(HTML) 1 Page - Alpha Wire

  9109 Datasheet HTML 1Page - Alpha Wire 9109 Datasheet HTML 2Page - Alpha Wire 9109 Datasheet HTML 3Page - Alpha Wire 9109 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 9109
Construction
Diameter ("in")
1) Component 1
1 x 1 COND
a) Conductor
20 (7/28) AWG TC
0.038
b) Insulation
0.017" Wall, Nom. FEP
0.072
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
CLEAR
2) Component 2
1 X 1 COND
a) Conductor
20 (7/28) AWG BC
0.038
b) Insulation
0.017" Wall, Nom. FEP
0.072
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
CLEAR
3) Pairing
2/Cond Cabled Together
(1) Twists
6.0 Twists/foot (min.)
4) Common Dielectric
a) Material
FEP-Teflon
0.195
(1) Color(s)
NATURAL
5) Shield
TC BRAID Shield, 95% Coverage (min.)
6) Jacket
0.015" Wall, Nom. PVDF
0.252 (0.266 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 9109
100 OHM TWINAX (UL) 125C TYPE CL2P
OR CMP OR C(UL) CMP CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.
Applicable Specifications


Similar Part No. - 9109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9109 ETC1-9109 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9109 ETC2-9109 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Heyco.
9109 HEYCO-9109 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Prokits Industries Co.,...
9109 PROSKITINDUSTRIES-9109 Datasheet
719Kb / 2P
PK-616B Professional Electronic Tool Kit (with EURO plug)
9109 PROSKITINDUSTRIES-9109 Datasheet
720Kb / 2P
PK-616C Professional Electronic Tool Kit (with UK plug)
More results

Similar Description - 9109

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9018A GENERAL-C9018A Datasheet
70Kb / 1P
2C 20 AWG 7/28 TC PVC / PVC
C9019A GENERAL-C9019A Datasheet
71Kb / 1P
3C 20 AWG 7/28 TC PVC / PVC
C9020A GENERAL-C9020A Datasheet
71Kb / 1P
4C 20 AWG 7/28 TC PVC / PVC
C9021A GENERAL-C9021A Datasheet
71Kb / 1P
6C 20 AWG 7/28 TC PVC / PVC
C9022A GENERAL-C9022A Datasheet
71Kb / 1P
8C 20 AWG 7/28 TC PVC / PVC
C9023A GENERAL-C9023A Datasheet
71Kb / 1P
10C 20 AWG 7/28 TC PVC / PVC
C9024A GENERAL-C9024A Datasheet
71Kb / 1P
15C 20 AWG 7/28 TC PVC / PVC
C9120A GENERAL-C9120A Datasheet
71Kb / 1P
4C 20 AWG 7/28 TC PVC / OAS / PVC
C9121A GENERAL-C9121A Datasheet
71Kb / 1P
6C 20 AWG 7/28 TC PVC / OAS / PVC
C9423A GENERAL-C9423A Datasheet
71Kb / 1P
9PR 20 AWG 7/28 TC PVC / OAS / PVC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com