Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1206CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1206CS8
Description  250mA/60MHz Current Feedback Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1206CS8 Datasheet HTML 1Page - Linear Technology LT1206CS8 Datasheet HTML 2Page - Linear Technology LT1206CS8 Datasheet HTML 3Page - Linear Technology LT1206CS8 Datasheet HTML 4Page - Linear Technology LT1206CS8 Datasheet HTML 5Page - Linear Technology LT1206CS8 Datasheet HTML 6Page - Linear Technology LT1206CS8 Datasheet HTML 7Page - Linear Technology LT1206CS8 Datasheet HTML 8Page - Linear Technology LT1206CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1206
3
1206fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Applies to short circuits to ground only. A short circuit between
the output and either supply may permanently damage the part when
operated on supplies greater than ± 10V.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0, ±5V ≤ VS ≤ 15V, pulse tested, VS/D = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
en
Input Noise Voltage Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 0Ω
3.6
nV/√Hz
+in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 10k
2
pA/√Hz
–in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 10k
30
pA/√Hz
RIN
Input Resistance
VIN = ±12V, VS = ±15V
VIN = ±2V, VS = ±5V
●
●
1.5
0.5
10
5
M
Ω
M
Ω
CIN
Input Capacitance
VS = ±15V
2
pF
Input Voltage Range
VS = ±15V
VS = ±5V
●
●
±12
±2
±13.5
±3.5
V
V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
●
●
55
50
62
60
dB
dB
Inverting Input Current Common Mode
Rejection
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
●
●
0.1
0.1
10
10
µA/V
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
●
60
77
dB
Noninverting Input Current Power Supply
Rejection
VS = ±5V to ±15V
●
30
500
nA/V
Inverting Input Current Power Supply
Rejection
VS = ±5V to ±15V
●
0.7
5
µA/V
AV
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RL = 50Ω
VS = ±5V, VOUT = ±2V, RL = 25Ω
●
●
55
55
71
68
dB
dB
ROL
Transresistance,
ΔVOUT/ΔIIN–
VS = ±15V, VOUT = ±10V, RL = 50Ω
VS = ±5V, VOUT = ±2V, RL = 25Ω
●
●
100
75
260
200
k
Ω
k
Ω
VOUT
Maximum Output Voltage Swing
VS = ±15V, RL = 50Ω
●
±11.5
±10.0
±12.5
V
V
VS = ±15V, RL = 25Ω
●
±2.5
±2.0
±3.0
V
V
IOUT
Maximum Output Current
RL = 1Ω
●
250
500
1200
mA
IS
Supply Current
VS = ±15V, VS/D = 0V
●
20
30
35
mA
mA
Supply Current, RS/D = 51k (Note 4)
VS = ±15V
12
17
mA
Positive Supply Current, Shutdown
VS = ±15V, VS/D = 15V
●
200
µA
Output Leakage Current, Shutdown
VS = ±15V, VS/D = 15V
●
10
µA
SR
Slew Rate (Note 5)
AV = 2
400
900
V/µs
Differential Gain (Note 6)
VS = ±15V, RF = 560Ω, RG = 560Ω, RL = 30Ω
0.02
%
Differential Phase (Note 6)
VS = ±15V, RF = 560Ω, RG = 560Ω, RL = 30Ω
0.17
Deg
BW
Small-Signal Bandwidth
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 620Ω, RL = 100Ω
60
MHz
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 649Ω, RL = 50Ω
52
MHz
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 698Ω, RL = 30Ω
43
MHz
VS = ±15V, Peaking ≤ 0.5dB,
RF = RG = 825Ω, RL = 10Ω
27
MHz
Note 3: Commercial grade parts are designed to operate over the
temperature range of –40°C to 85°C but are neither tested nor guaranteed
beyond 0°C to 70°C. Industrial grade parts tested over –40°C to 85°C are
available on special request. Consult factory.
Note 4: RS/D is connected between the shutdown pin and ground.
Note 5: Slew rate is measured at ±5V on a ± 10V output signal while
operating on ±15V supplies with RF = 1.5k, RG = 1.5k and RL = 400Ω.
Note 6: NTSC composite video with an output level of 2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com