Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1206CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1206CS8
Description  250mA/60MHz Current Feedback Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1206CS8 Datasheet HTML 1Page - Linear Technology LT1206CS8 Datasheet HTML 2Page - Linear Technology LT1206CS8 Datasheet HTML 3Page - Linear Technology LT1206CS8 Datasheet HTML 4Page - Linear Technology LT1206CS8 Datasheet HTML 5Page - Linear Technology LT1206CS8 Datasheet HTML 6Page - Linear Technology LT1206CS8 Datasheet HTML 7Page - Linear Technology LT1206CS8 Datasheet HTML 8Page - Linear Technology LT1206CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1206
5
1206fa
TYPICAL PERFORMANCE CHARACTERISTICS
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Bandwidth and Feedback Resistance
vs Capacitive Load for 0.5dB Peak
Differential Phase
vs Supply Voltage
Differential Gain
vs Supply Voltage
Spot Noise Voltage and Current
vs Frequency
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC01
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 560Ω
RF = 680Ω
RF = 750Ω
RF = 1k
RF = 1.5k
AV = 2
RL = 100Ω
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC02
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 560Ω
RF = 1k
RF = 2k
RF = 750Ω
AV = 2
RL = 10Ω
CAPACITIVE LOAD (pF)
1
100
1k
10k
100
10000
LT1206 • TPC03
10
1000
BANDWIDTH
FEEDBACK RESISTOR
AV = 2
RL = ∞
VS = ±15V
CCOMP = 0.01µF
1
10
100
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Bandwidth and Feedback Resistance
vs Capacitive Load for 5dB Peak
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC04
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 1.5k
RF = 330Ω
RF = 680Ω
RF =390Ω
AV = 10
RL = 100Ω
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC05
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 560Ω
RF = 1k
RF = 1.5k
RF = 680Ω
AV = 10
RL = 10Ω
CAPACITIVE LOAD (pF)
1
LT1206 • TPC06
10
100
1k
10k
0
1k
10k
0
100
10
100
1
FEEDBACK RESISTOR
BANDWIDTH
AV = +2
RL = ∞
VS = ±15V
CCOMP = 0.01µF
SUPPLY VOLTAGE (
±V)
5
0.30
0.40
0.50
13
LT1206 • TPC07
0.20
0.10
0
7
9
11
15
RF = RG = 560Ω
AV = 2
N PACKAGE
RL = 15Ω
RL = 50Ω
RL = 30Ω
RL = 150Ω
SUPPLY VOLTAGE (
±V)
5
0.06
0.08
0.10
13
LT1206 • TPC08
0.04
0.02
0
7
9
11
15
RF = RG = 560Ω
AV = 2
N PACKAGE
RL = 15Ω
RL = 30Ω
RL = 150Ω
RL = 50Ω
FREQUENCY (Hz)
10
1
10
100
100
100k
LT1206 • TPC09
1k
10k
in
en
–in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com