Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB0263 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # PB0263
Description  Pyroelectric Sensor Product Specification
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

PB0263 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button PB0263 Datasheet HTML 2Page - Zilog, Inc. PB0263 Datasheet HTML 3Page - Zilog, Inc. PB0263 Datasheet HTML 4Page - Zilog, Inc. PB0263 Datasheet HTML 5Page - Zilog, Inc. PB0263 Datasheet HTML 6Page - Zilog, Inc. PB0263 Datasheet HTML 7Page - Zilog, Inc. PB0263 Datasheet HTML 8Page - Zilog, Inc. PB0263 Datasheet HTML 9Page - Zilog, Inc. PB0263 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ZSBG323671 Pyroelectric Sensor
Specification
____________________________________________________________________________
PS040601-0122
Page 3
Test Conditions
The figures below show the configuration under which the PIR sensor electrical
characteristics are tested.
Figure 1 - Test Set-up Configuration
Figure 2 - Occluder Position
Figure 3 - Test Circuit Configuration
Measurement Amp. Characteristics:
Type: Non-inverting; Gain: 72.5 dB at 1 Hz; Bandwidth: 0.4 to 2.7 Hz / -3 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com