Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB0263 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # PB0263
Description  Pyroelectric Sensor Product Specification
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

PB0263 Datasheet(HTML) 5 Page - Zilog, Inc.

  PB0263 Datasheet HTML 1Page - Zilog, Inc. PB0263 Datasheet HTML 2Page - Zilog, Inc. PB0263 Datasheet HTML 3Page - Zilog, Inc. PB0263 Datasheet HTML 4Page - Zilog, Inc. PB0263 Datasheet HTML 5Page - Zilog, Inc. PB0263 Datasheet HTML 6Page - Zilog, Inc. PB0263 Datasheet HTML 7Page - Zilog, Inc. PB0263 Datasheet HTML 8Page - Zilog, Inc. PB0263 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ZSBG323671 Pyroelectric Sensor
Specification
____________________________________________________________________________
PS040601-0122
Page 2
Electrical Characteristics
1) Signal output:
Min. 2.1 VP-P (Typ. 3.3 VP-P)
2) Noise output:
Max. 250 mVP-P (Typ. 70 mVP-P)
3) Balance output:
Max. 10%
Bo = [SA-SB / SA+SB] x 100
Bo: Balance output
SA: Absolute signal output on Element A
SB: Absolute signal output on Element B
4) Source voltage:
0.3 V to 1.4 V (Vd: 5V, Rs: 47K ohm)
5) Operating voltage (Vd):
3 V to 10 V (Rs: 47K ohm)
Notes:
Test set-up block diagram see Figure 1 and Figure 2.
Test circuit configuration see Figure 3.
Items 1,2 ,3 and 4 are 100% tested.
Optical Characteristics
1) Typical field of view:
134 degrees from center of element on axis X
120 degrees from center of element on axis Y
(See Figure 4)
2) Filter substrate:
Silicon
3) Cut on (5%T ABS):
5.0 ±1.0 micron
4) Transmissivity:
≥70% average 8 to 13 micron
Environmental Characteristics
1) Operating temperature:
-40°C to +70°C
2) Storage temperature:
-40°C to +80°C
3) Operating humidity:
95% RH or less (at 30°C)
4) Storage humidity:
95% RH or less (at 30°C)
RoHS Compliance
This product conforms to the RoHS Directive in force at the date of issuance of this Product
Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com