Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1220CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1220CS8
Description  45MHz, 250V/ms Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1220CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1220CS8 Datasheet HTML 1Page - Linear Technology LT1220CS8 Datasheet HTML 2Page - Linear Technology LT1220CS8 Datasheet HTML 3Page - Linear Technology LT1220CS8 Datasheet HTML 4Page - Linear Technology LT1220CS8 Datasheet HTML 5Page - Linear Technology LT1220CS8 Datasheet HTML 6Page - Linear Technology LT1220CS8 Datasheet HTML 7Page - Linear Technology LT1220CS8 Datasheet HTML 8Page - Linear Technology LT1220CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1220
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V
2.5
ns
Overshoot
AV = 1, 0.1V
5
%
Propagation Delay
AV = 1, 50% VIN to 50% VOUT, 0.1V
4.9
ns
ts
Settling Time
10V Step, 0.1%
75
ns
10V Step, 0.01%
95
ns
Differential Gain
f = 3.58MHz, RL = 150Ω (Note 7)
0.10
%
f = 3.58MHz, RL = 1k (Note 7)
0.02
%
Differential Phase
f = 3.58MHz, RL = 150Ω (Note 7)
0.20
DEG
f = 3.58MHz, RL = 1k (Note 7)
0.03
DEG
RO
Output Resistance
AV = 1, f = 1MHz
1
Ω
IS
Supply Current
8
10.5
mA
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
q
0.5
3.5
mV
Input VOS Drift
q
20
µV/°C
IOS
Input Offset Current
q
100
400
nA
IB
Input Bias Current
q
100
400
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
q
92
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
86
94
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
q
20
50
V/mV
VOUT
Output Swing
RL = 500Ω
q
12
13
±V
IOUT
Output Current
VOUT = ±12V
q
24
26
mA
SR
Slew Rate
(Note 5)
q
180
250
V/
µs
IS
Supply Current
q
811
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
q
0.5
4
mV
Input VOS Drift
q
20
µV/°C
IOS
Input Offset Current
q
100
800
nA
IB
Input Bias Current
q
100
1000
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
q
92
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
82
94
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
q
550
V/mV
VOUT
Output Swing
RL = 500Ω
q
10
13
±V
RL = 1k
q
12
13
±V
IOUT
Output Current
VOUT = ±10V
q
20
26
mA
VOUT = ±12V
q
12
13
mA
SR
Slew Rate
(Note 5)
q
130
250
V/
µs
IS
Supply Current
q
811
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required when the output is shorted indefinitely.
Note 3: Commercial parts are designed to operate over – 40
°C to 85°C, but
are not tested nor guaranteed beyond 0
°C to 70°C. Industrial grade parts
specified and tested over – 40
°C to 85°C are available on special request.
Consult factory.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±10V on an output swing of ±12V.
Note 6: FPBW = SR/2
πVP.
Note 7: Differential Gain and Phase are tested in AV = 2 with five amps in
series. Attenuators of 1/2 are used as loads (75
Ω, 75Ω and 499Ω, 499Ω).
The q denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, unless otherwise specified.
The q denotes the specifications which apply over the temperature range – 55
°C ≤ TA ≤ 125°C, otherwise specifications are at
TA = 25°C. VS = ±15V, VCM = 0V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com