Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1220CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1220CS8
Description  45MHz, 250V/ms Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1220CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1220CS8 Datasheet HTML 1Page - Linear Technology LT1220CS8 Datasheet HTML 2Page - Linear Technology LT1220CS8 Datasheet HTML 3Page - Linear Technology LT1220CS8 Datasheet HTML 4Page - Linear Technology LT1220CS8 Datasheet HTML 5Page - Linear Technology LT1220CS8 Datasheet HTML 6Page - Linear Technology LT1220CS8 Datasheet HTML 7Page - Linear Technology LT1220CS8 Datasheet HTML 8Page - Linear Technology LT1220CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1220
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
45MHz, 250V/
µs
Operational Amplifier
s
Gain-Bandwidth: 45MHz
s
Unity-Gain Stable
s
Slew Rate: 250V/
µs
s
C-Load
TM Op Amp Drives Capacitive Loads
s
Maximum Input Offset Voltage: 1mV
s
Maximum Input Bias Current: 300nA
s
Maximum Input Offset Current: 300nA
s
Minimum Output Swing Into 500
Ω: ±12V
s
Minimum DC Gain: 20V/mV, RL = 500Ω
s
Settling Time to 0.1%: 75ns, 10V Step
s
Settling Time to 0.01%: 95ns, 10V Step
s
Differential Gain: 0.1%, AV = 2, RL = 150Ω
s
Differential Phase: 0.2
°, AV = 2, RL = 150Ω
The LT
®1220 is a high speed operational amplifier with
superior DC performance. The LT1220 features reduced
input offset voltage, lower input bias currents and higher
DC gain than devices with comparable bandwidth and slew
rate. The circuit is a single gain stage that includes
proprietary DC gain enhancement circuitry to obtain pre-
cision with high speed. The high gain and fast settling time
make the circuit an ideal choice for data acquisition
systems. The circuit is also capable of driving large
capacitive loads which makes it useful in buffer or cable
driver applications.
The LT1220 is a member of a family of fast, high perfor-
mance amplifiers that employ Linear Technology
Corporation’s advanced complementary bipolar process-
ing. For applications with gains of 4 or greater the LT1221
can be used, and for gains of 10 or greater the LT1222 can
be used for increased bandwidth.
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
8-, 10-, 12-Bit Data Acquisition Systems
Two Op Amp Instrumentation Amplifier
Inverter Pulse Response
LT1220 • TA02
RF = RG = 1k
VS = ±15V
VIN = 20V
f = 2MHz
+
–
LT1220
GAIN = [R4/R3][1 + (1/2)(R2/R1 + R3/R4) + (R2 + R3)/R5] = 102
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON MODE REJECTION
BW = 450kHz
VIN
VOUT
LT1220
LT1220 • TA01
R3
1k
R5
220
Ω
R4
10k
R2
1k
R1
10k
, LTC and LT are registered trademarks of Linear Technology Corporation
C-Load is a trademark of Linear Technology Corporation


Similar Part No. - LT1220CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1220CS8 LINER-LT1220CS8 Datasheet
290Kb / 8P
45MHz, 250V/us Operational Amplifier
More results

Similar Description - LT1220CS8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
45MHz, 250V/us Operational Amplifier
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
LT1221 LINER-LT1221_01 Datasheet
246Kb / 12P
150MHz, 250V/ms, A 4 Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com