Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611S-18-XXXTC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611S-18-XXXTC-R
Description  0.5kHz-125MHz MHz to KHz Programmable ClockTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-18-XXXTC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611S-18-XXXTC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 8Page - PhaseLink Corporation PL611S-18-XXXTC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(Preliminary)PL611s-18
0.5kHz-125MHz MHz to KHz Programmable Clock
T M
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 2/23/07 Page 1
FEATURES
• Designed for Very Low-Power applications
• Offered in Tiny GREEN/RoHS compliant packages
o
6-pin DFN (2.0mmx1.3mmx0.6mm)
o
6-pin SC70 (2.3mmx2.25mmx1.0mm)
o
6-pin SOT23 (3.0mmx3.0mmx1.35mm)
• Accepts Crystal or Reference Clock inputs
• Input Frequency:
o
Fundamental crystal: 10MHz to 50MHz
o
Reference Input: 1MHz to 125MHz
• Accepts >0.1V reference signal input voltage
• Output Frequency 0.5kHz to 125MHz CMOS.
o
65MHz @ 1.8V operation
o
90MHz @ 2.5V operation
o
125MHz @ 3.3V operation
• One programmable I/O pin can be configured as
OE, PDB, FSEL or CLK1
• Low current consumption:
o
<1.0mA with 27MHz & 32kHz outputs
o
< 5 A when PDB is activated
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
DESCRIPTION
The PL611s-18 is a low-cost general purpose
frequency synthesizer and a member of PhaseLink’s
PicoPLL family, the worlds smallest programmable
clocks. PhaseLink’s PL611s-18 offers the versatility
of using a single Crystal (MHz) or Reference Clock
input and producing up to two (kHz/MHz) system
clocks, or a combination of Reference and low
frequency outputs. The PL611s-18 is designed for
low-power applications with very stringent space
requirements and consumes ~1.0mA, while
producing 2 distinct outputs of 27MHz and 32kHz.
The power down feature of PL611s-18, when
activated, allows the IC to consume less than 5 A of
power.
The PL611s-18 fits in a small DFN, SC70, or SOT23
package. Cascading of the PL611s-18 with other
PhaseLink programmable clocks allow generating
system level clocking requirements, thereby
reducing the overall system implementation cost.
In addition, one programmable I/O pin can be
configured as Output Enable (OE), Frequency
switching (FSEL), Power Down (PDB) input, or CLK1
(CLK0, FREF, FREF/2) output.
BLOCK DIAGRAM
Phase
Detector
Charge
Pump
Loop
Filter
VCO
XIN/FIN
XOUT
R-Counter
(5-bit)
FVCO = FREF * (2 * M/R)
FOUT = FVCO / (2 * P)
CLK
FREF
Programming
Logic
OE, PDB,
FSEL, CLK1
XTAL
OSC
M-Counter
(8-bit)
P-Counter
(14-bit)
Programmable
CLoad
Programmable Function


Similar Part No. - PL611S-18-XXXTC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXGC-R PLL-PL611S-15-XXXGC-R Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXTC-R PLL-PL611S-15-XXXTC-R Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXUC-R PLL-PL611S-15-XXXUC-R Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
More results

Similar Description - PL611S-18-XXXTC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY604 MICREL-SY604 Datasheet
78Kb / 8P
125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
SY605 MICREL-SY605 Datasheet
79Kb / 8P
125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER
logo
PhaseLink Corporation
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
Low-Power Programmable Quick Turn ClockTM
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
Low-Power Programmable Quick Turn ClockTM
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-19 PLL-PL611S-19 Datasheet
208Kb / 8P
0.5kHz-55MHz MHz to KHz Programmable ClockTM
logo
Frequency Devices, Inc.
VM32PA2.0 FREQUENCYDEVICES-VM32PA2.0 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
logo
Micronetics, Inc.
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1500 MHz
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 100 MHz
NMA2110-A1E MICRONETICS-NMA2110-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com