Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1221 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1221
Description  150MHz, 250V/ms, A 4 Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1221 Datasheet(HTML) 5 Page - Linear Technology

  LT1221 Datasheet HTML 1Page - Linear Technology LT1221 Datasheet HTML 2Page - Linear Technology LT1221 Datasheet HTML 3Page - Linear Technology LT1221 Datasheet HTML 4Page - Linear Technology LT1221 Datasheet HTML 5Page - Linear Technology LT1221 Datasheet HTML 6Page - Linear Technology LT1221 Datasheet HTML 7Page - Linear Technology LT1221 Datasheet HTML 8Page - Linear Technology LT1221 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1221
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Rejection Ratio
vs Frequency
Voltage Gain and Phase
vs Frequency
Total Harmonic Distortion
vs Frequency
Slew Rate vs Temperature
Closed-Loop Output Impedance
vs Frequency
Output Swing and Error
vs Settling Time (Inverting)
Output Swing and Error
vs Settling Time (Noninverting)
Gain-Bandwidth vs Temperature
FREQUENCY (Hz)
1k
0
20
40
60
80
100
120
100k
10M
100M
LT1221 • TPC10
10k
1M
VS = ±15V
TA = 25°C
SETTLING TIME (ns)
0
2
6
10
100
LT1220 • TPC11
–2
–6
0
4
8
–4
–8
–10
25
50
75
125
10mV
10mV
1mV
1mV
VS = ±15V
TA = 25°C
SETTLING TIME (ns)
0
2
6
10
100
LT1221 • TPC12
–2
–6
0
4
8
–4
–8
–10
25
50
75
125
10mV
10mV
1mV
1mV
VS = ±15V
TA = 25°C
20
60
100
80
FREQUENCY (Hz)
100
–20
40
10k
1M
100M
LT1221 • TPC13
1k
100k
VS = ±15V
0
10M
20
60
100
80
–20
40
0
VS = ±5V
VS = ±15V
VS = ±5V
TA = 25°C
FREQUENCY (Hz)
0.01
0.1
1
10
10k
1M
10M
100M
LT1221 • TPC15
0.001
100k
VS = ±15V
TA = 25°C
AV = 4
Frequency Response
vs Capacitive Load
180
TEMPERATURE (°C)
–50
120
125
LT1221 • TPC16
0
130
150
170
–25
75
VS = ±15V
160
140
25
50
100
325
TEMPERATURE (°C)
–50
175
125
LT1221 • TPC19
0
200
250
300
–25
75
275
225
25
50
100
VS = ±15V
AV = – 5
SR =
(SR+) + (SR–)
2
FREQUENCY (Hz)
10
100
0.0001
0.001
0.01
1k
10k
100k
LT1220 • TPC18
AV = –4
VS = ±15V
VO = 3VRMS
RL = 500Ω
AV = 4
10
18
24
22
FREQUENCY (MHz)
1
4
14
100
LT1221 • TPC14
10
8
6
12
16
20
C = 1000pF
C = 50pF
C = 0
VS = ±15V
TA = 25°C
AV = – 5
C = 500pF
C = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com