Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1221 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1221
Description  150MHz, 250V/ms, A 4 Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1221 Datasheet(HTML) 1 Page - Linear Technology

  LT1221 Datasheet HTML 1Page - Linear Technology LT1221 Datasheet HTML 2Page - Linear Technology LT1221 Datasheet HTML 3Page - Linear Technology LT1221 Datasheet HTML 4Page - Linear Technology LT1221 Datasheet HTML 5Page - Linear Technology LT1221 Datasheet HTML 6Page - Linear Technology LT1221 Datasheet HTML 7Page - Linear Technology LT1221 Datasheet HTML 8Page - Linear Technology LT1221 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1221
TYPICAL APPLICATIO
DESCRIPTIO
APPLICATIO S
FEATURES
150MHz, 250V/
µs, AV ≥ 4
Operational Amplifier
s
Gain-Bandwidth: 150MHz
s
Gain of 4 Stable
s
Slew Rate: 250V/
µs
s
Input Noise Voltage: 6nV/
√Hz
s
C-Load
TM Op Amp Drives Capacitive Loads
s
Maximum Input Offset Voltage: 600
µV
s
Maximum Input Bias Current: 300nA
s
Maximum Input Offset Current: 300nA
s
Minimum Output Swing Into 500
Ω: ±12V
s
Minimum DC Gain: 50V/mV, RL = 500Ω
s
Settling Time to 0.1%: 65ns, 10V Step
s
Settling Time to 0.01%: 85ns, 10V Step
s
Differential Gain: 0.08%, AV = 4, RL = 150Ω
s
Differential Phase: 0.2
°, AV = 4, RL = 150Ω
The LT
®1221 is a very high speed operational amplifier
with superior DC performance. The LT1221 is stable in a
noise gain of 4 or greater. It features reduced input offset
voltage, lower input bias currents and higher DC gain than
devices with comparable bandwidth and slew rate. The
circuit is a single gain stage that includes proprietary DC
gain enhancement circuitry to obtain precision with high
speed. The high gain and fast settling time make the circuit
an ideal choice for data acquisition systems. The circuit is
also capable of driving capacitive loads which makes it
useful in buffer or cable driver applications.
The LT1221 is a member of a family of fast, high perfor-
mance amplifiers that employ Linear Technology
Corporation’s advanced complementary bipolar process-
ing. For unity-gain stable applications the LT1220 can be
used, and for gains of 10 or greater the LT1222 can be used.
Summing Amplifier
Summing Amplifier Large-Signal Response
LT1221 • TA02
VS = ±15V
VIN = 10VP-P
f = 2MHz
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
8-, 10-, 12-Bit Data Acquisition Systems
LT1221 • TA01
+
–
1k
1k
1k
1k
LT1221
VA
VB
VC
VOUT
, LTC and LT are registered trademarks of Linear Technology Corporation
C-Load is a trademark of Linear Technology Corporation


Similar Part No. - LT1221

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
150MHz Operational Amplifier
LT1221 LINER-LT1221 Datasheet
259Kb / 12P
Operational Amplifier
LT1221C LINER-LT1221C Datasheet
292Kb / 8P
150MHz Operational Amplifier
LT1221CN8 LINER-LT1221CN8 Datasheet
292Kb / 8P
150MHz Operational Amplifier
LT1221CS8 LINER-LT1221CS8 Datasheet
292Kb / 8P
150MHz Operational Amplifier
More results

Similar Description - LT1221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5190 INTERSIL-HA-5190 Datasheet
88Kb / 8P
150MHz, Fast Settling Operational Amplifiers
September 1998
logo
Linear Technology
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
45MHz, 250V/us Operational Amplifier
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
150MHz Operational Amplifier
logo
Zarlink Semiconductor I...
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
150MHz WIDEBAND LOG AMPLIFIER
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
150MHz Current Feedback Amplifier
December 1995
HA-2548 INTERSIL-HA-2548 Datasheet
812Kb / 9P
150MHz, High Slew Rate, Precision Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Linear Technology
LT1220 LINER-LT1220_01 Datasheet
262Kb / 12P
45MHz, 250V/ms Operational Amplifier
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com