Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2071 Datasheet (PDF) - Intersil Corporation

EL2071 Datasheet PDF - Intersil Corporation
Part # EL2071
Download  EL2071 Download
File Size   405.2 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150MHz Current Feedback Amplifier

EL2071 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2071 Datasheet PDF - Intersil Corporation

Part # EL2071
Download  EL2071 Click to download

File Size   405.2 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150MHz Current Feedback Amplifier

EL2071 Datasheet (HTML) - Intersil Corporation


EL2071 Product details

The EL2071 and EL2171 are wide bandwidth, fast settling monolithic amplifiers built using an advanced complementary bipolar process. The EL2071 has a disable/enable feature which allows power down and analog multiplexing. These amplifiers use current-mode feedback to achieve more bandwidth at a given gain than conventional operational amplifiers. Designed for closed-loop gains of ±7 to ±50, the EL2071 and EL2171 have a 150MHz - 3dB bandwidth (AV = +20), and 2.5ns rise/fall time, while consuming only 15mA of supply current. The EL2071 consumes only 1.5mA when disabled.

Features
• 150MHz - 3dB bandwidth, AV = 20
• 10ns settling to 0.1%
• VS = ±5V @ 15mA
• 2.5ns rise/fall times (2V step)
• Overload/short-circuit protected
• ±7 to ±50 closed-loop gain range
• Low cost
• EL2171 is direct replacement for CLC401
• Disable capability on EL2071

Applications
• Line drivers
• DC-coupled log amplifiers
• High-speed modems, radios
• High-speed A/D conversion
• D/A I-V conversion
• Photodiode, CCD preamps
• IF processors
• High-speed communications
• Analog multiplexing (using disable—EL2071)
• Power down mode (using disable—EL2071)




Similar Part No. - EL2071

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL207 EVERLIGHT-EL207 Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL207 EVERLIGHT-EL207 Datasheet
734Kb / 12P
8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
June 10, 2014
EL207(TA)-V EVERLIGHT-EL207(TA)-V Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL207(TB)-V EVERLIGHT-EL207(TB)-V Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
200MHz Current Feedback Amplifier
September 26, 2001
More results


Similar Description - EL2071

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
January 1999
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Cadeka Microcircuits LL...
CLC1606 CADEKA-CLC1606 Datasheet
2Mb / 18P
1.3GHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com