Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1221 Datasheet (PDF) - Linear Technology

LT1221 Datasheet PDF - Linear Technology
Part # LT1221
Download  LT1221 Download
File Size   292.27 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 150MHz Operational Amplifier

LT1221 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1221 Datasheet PDF - Linear Technology

Part # LT1221
Download  LT1221 Click to download

File Size   292.27 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 150MHz Operational Amplifier

LT1221 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1221

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1221 LINER-LT1221 Datasheet
246Kb / 12P
150MHz, 250V/ms, A 4 Operational Amplifier
LT1221 LINER-LT1221 Datasheet
259Kb / 12P
Operational Amplifier
LT1221CN8 LINER-LT1221CN8 Datasheet
246Kb / 12P
150MHz, 250V/ms, A 4 Operational Amplifier
LT1221CS8 LINER-LT1221CS8 Datasheet
246Kb / 12P
150MHz, 250V/ms, A 4 Operational Amplifier
LT1221MJ8 LINER-LT1221MJ8 Datasheet
246Kb / 12P
150MHz, 250V/ms, A 4 Operational Amplifier
More results


Similar Description - LT1221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
logo
Intersil Corporation
HA-5190 INTERSIL-HA-5190 Datasheet
88Kb / 8P
150MHz, Fast Settling Operational Amplifiers
September 1998
logo
Zarlink Semiconductor I...
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
150MHz WIDEBAND LOG AMPLIFIER
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
150MHz Current Feedback Amplifier
December 1995
HA-2548 INTERSIL-HA-2548 Datasheet
812Kb / 9P
150MHz, High Slew Rate, Precision Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Linear Technology
LT1221 LINER-LT1221_01 Datasheet
246Kb / 12P
150MHz, 250V/ms, A 4 Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
RF Micro Devices
RFPA3800 RFMD-RFPA3800 Datasheet
2Mb / 12P
GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com