Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1228CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1228CS8 Datasheet HTML 1Page - Linear Technology LT1228CS8 Datasheet HTML 2Page - Linear Technology LT1228CS8 Datasheet HTML 3Page - Linear Technology LT1228CS8 Datasheet HTML 4Page - Linear Technology LT1228CS8 Datasheet HTML 5Page - Linear Technology LT1228CS8 Datasheet HTML 6Page - Linear Technology LT1228CS8 Datasheet HTML 7Page - Linear Technology LT1228CS8 Datasheet HTML 8Page - Linear Technology LT1228CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1228
1228fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Inverting Input Current
VS = ±15V, VCM = ±13V, TA = 25°C
2.5
10
µA/V
Common Mode Rejection
VS = ±15V, VCM = ±12V
●
10
µA/V
VS = ±5V, VCM = ±3V, TA = 25°C
2.5
10
µA/V
VS = ±5V, VCM = ±2V
●
10
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, TA = 25°C60
80
dB
VS = ±3V to ±15V
●
60
dB
Noninverting Input Current
VS = ±2V to ±15V, TA = 25°C
10
50
nA/V
Power Supply Rejection
VS = ±3V to ±15V
●
50
nA/V
Inverting Input Current
VS = ±2V to ±15V, TA = 25°C
0.1
5
µA/V
Power Supply Rejection
VS = ±3V to ±15V
●
5
µA/V
AV
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RLOAD = 1k
●
55
65
dB
VS = ±5V, VOUT = ±2V, RLOAD = 150Ω
●
55
65
dB
ROL
Transresistance,
∆VOUT/∆IIN–
VS = ±15V, VOUT = ±10V, RLOAD = 1k
●
100
200
k
Ω
VS = ±5V, VOUT = ±2V, RLOAD = 150Ω
●
100
200
k
Ω
VOUT
Maximum Output Voltage Swing
VS = ±15V, RLOAD = 400Ω, TA = 25°C
±12
±13.5
V
●
±10
V
VS = ±5V, RLOAD = 150Ω, TA = 25°C
±3
±3.7
V
●
±2.5
V
IOUT
Maximum Output Current
RLOAD = 0Ω, TA = 25°C
30
65
125
mA
●
25
125
mA
Is
Supply Current
VOUT = 0V, ISET = 0V
●
611
mA
SR
Slew Rate (Notes 4 and 6)
TA = 25°C
300
500
V/
µs
SR
Slew Rate
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 400Ω
3500
V/
µs
tr
Rise Time (Notes 5 and 6)
TA = 25°C10
20
ns
BW
Small-Signal Bandwidth
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
100
MHz
tr
Small-Signal Rise Time
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
3.5
ns
Propagation Delay
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
3.5
ns
Small-Signal Overshoot
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
15
%
ts
Settling Time
0.1%, VOUT = 10V, RF =1k, RG= 1k, RL =1k
45
ns
Differential Gain (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 1k
0.01
%
Differential Phase (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 1k
0.01
DEG
Differential Gain (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 150Ω
0.04
%
Differential Phase (Note 7)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 150Ω
0.1
DEG
ELECTRICAL C
C
HARA TERISTICS
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
ISET = 1mA, TA = 25°C
±0.5
±5mV
●
±10
mV
Input Offset Voltage Drift
●
10
µV/°C
IOS
Input Offset Current
TA = 25°C
40
200
nA
●
500
nA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Current Feedback Amplifier, Pins 1, 6, 8. ±5V ≤ VS ≤ ±15V, ISET = 0µA,
VCM = 0V unless otherwise noted.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Transconductance Amplifier, Pins 1, 2, 3, 5. ±5V ≤ VS ≤ ±15V, ISET =
100
µA, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com