Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1228CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1228CS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1228CS8 Datasheet HTML 1Page - Linear Technology LT1228CS8 Datasheet HTML 2Page - Linear Technology LT1228CS8 Datasheet HTML 3Page - Linear Technology LT1228CS8 Datasheet HTML 4Page - Linear Technology LT1228CS8 Datasheet HTML 5Page - Linear Technology LT1228CS8 Datasheet HTML 6Page - Linear Technology LT1228CS8 Datasheet HTML 7Page - Linear Technology LT1228CS8 Datasheet HTML 8Page - Linear Technology LT1228CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1228
1228fc
IB
Input Bias Current
TA = 25°C
0.4
1
µA
●
5
µA
en
Input Noise Voltage Density
f = 1kHz
20
nV/
√Hz
RIN
Input Resistance-Differential Mode
VIN ≈ ±30mV
●
30
200
k
Ω
Input Resistance-Common Mode
VS = ±15V, VCM = ±12V
●
50
1000
M
Ω
VS = ±5V, VCM = ±2V
●
50
1000
M
Ω
CIN
Input Capacitance
3pF
Input Voltage Range
VS = ±15V, TA = 25°C
±13
±14
V
VS = ±15V
●
±12
V
VS = ±5V, TA = 25°C
±3
±4V
VS = ±5V
●
±2V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C
60
100
dB
VS = ±15V, VCM = ±12V
●
60
dB
VS = ±5V, VCM = ±3V, TA = 25°C
60
100
dB
VS = ±5V, VCM = ±2V
●
60
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, TA = 25°C
60
100
dB
VS = ±3V to ±15V
●
60
dB
gm
Transconductance
ISET = 100µA, IOUT = ±30µA, TA = 25°C
0.75
1.00
1.25
µA/mV
Transconductance Drift
●
– 0.33
%/
°C
IOUT
Maximum Output Current
ISET = 100µA
●
70
100
130
µA
IOL
Output Leakage Current
ISET = 0µA (+IIN of CFA), TA = 25°C
0.3
3
µA
●
10
µA
VOUT
Maximum Output Voltage Swing
VS = ±15V , R1 = ∞
● ±13
±14
V
VS = ±5V , R1 = ∞
● ±3
±4V
RO
Output Resistance
VS = ±15V, VOUT = ±13V
●
28
M
Ω
VS = ±5V, VOUT = ±3V
●
28
M
Ω
Output Capacitance (Note 3)
VS = ±5V
6
pF
IS
Supply Current, Both Amps
ISET = 1mA
●
915
mA
THD
Total Harmonic Distortion
VIN = 30mVRMS at 1kHz, R1 = 100k
0.2
%
BW
Small-Signal Bandwidth
R1 = 50
Ω,ISET = 500µA
80
MHz
tr
Small-Signal Rise Time
R1 = 50
Ω,ISET = 500µA, 10% to 90%
5
ns
Propagation Delay
R1 = 50
Ω,ISET = 500µA, 50% to 50%
5
ns
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required depending on the power supply
voltage.
Note 3: This is the total capacitance at Pin 1. It includes the input
capacitance of the current feedback amplifier and the output capacitance
of the transconductance amplifier.
Note 4: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1k, RG = 110Ω and RL = 400Ω. The
slew rate is much higher when the input is overdriven, see the applications
section.
Note 5: Rise time is measured from 10% to 90% on a
±500mV output
signal while operating on
±15V supplies with RF = 1k, RG = 110Ω and
RL = 100Ω. This condition is not the fastest possible, however, it does
guarantee the internal capacitances are correct and it makes automatic
testing practical.
Note 6: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J and N suffix) and are sample tested on every lot of
the SO packaged parts (S suffix).
Note 7: NTSC composite video with an output level of 2V.
Note 8: Back to back 6V Zener diodes are connected between Pins 2
and 3 for ESD protection.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Transconductance Amplifier, Pins 1, 2, 3, 5. ±5V ≤ VS ≤ ±15V, ISET =
100
µA, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com