Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-15SCL-R Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL500-15SCL-R
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-15SCL-R Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL500-15SCL-R Datasheet HTML 1Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 2Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 3Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 4Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 5Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(Preliminary)
PLL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 10/12/06 Page 4
4. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling between
VDD and GND.
2.5
ps
Phase Noise relative to carrier
18MHz @100Hz offset
-75
dBc/Hz
Phase Noise relative to carrier
18MHz @1kHz offset
-105
dBc/Hz
Phase Noise relative to carrier
18MHz @10kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
18MHz @100kHz offset
-133
dBc/Hz
Phase Noise relative to carrier
18MHz @1MHz offset
-140
dBc/Hz
5. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
IDD
FXIN = 36MHz
Output load of 15pF
5
6
mA
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage at
CMOS level
VOLC
IOL = +4mA
0.4
V
Output High Voltage at
CMOS level
VOHC
IOH = -4mA
VDD – 0.4
V
Output drive current
For VOL<0.4V or VOH>2.4V
8
9.5
mA
VCXO Control Voltage
VCON
0
VDD
V
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
16
36
MHz
Crystal Loading Rating (VCON = 1.65V)
CL (xtal)
8.5
pF
Maximum Sustainable Drive Level
200
µW
Operating Drive Level
50
µW
C0
5
pF
C0/C1
250
-
ESR
RS
30
Note: The crystal must be such that it oscillates (parallel resonant) at nominal frequency when presented a C Load as specified above.
If the crystal requires more load to be at nominal frequency, the additional load must be added externally. This however may reduce the pull range.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com