Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-15SCL-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL500-15SCL-R
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-15SCL-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL500-15SCL-R Datasheet HTML 1Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 2Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 3Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 4Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 5Page - PhaseLink Corporation PLL500-15SCL-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(Preliminary)
PLL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 10/12/06 Page 1
FEATURES
• VCXO with Divider Selection (DIVSEL) input pin
• PLL500-15: ÷8, ÷16
• PLL500-16: ÷2, ÷4
• VCXO output for the 1MHz to 18MHz range
• 16MHz to 36MHz fundamental crystal input.
• Low phase noise (-130 dBc @ 10kHz offset
using a 35.328MHz crystal).
• CMOS output with OE tri-state control.
• Integrated high linearity variable capacitors.
• 12mA drive capability at TTL output.
• ± 150 ppm pull range, max 5% linearity.
• Low jitter (RMS): 2.5ps period jitter.
• 2.5V to 3.3V operation.
• Available in 8-Pin SOIC, 6-pin SOT23 GREEN/
RoHS compliant packages, or DIE.
DESCRIPTION
The PLL500-15/16 is a low cost, high performance
and low phase noise VCXO for the 1.0MHz to 18MHz
range, providing less than -130dBc at 10kHz offset
when using a 35.328MHz crystal. The very low jitter
(2.5 ps RMS period jitter) makes this chip ideal for
applications requiring voltage controlled frequency
sources. Input crystal can range from 16MHz to
36MHz (fundamental resonant mode).
PIN CONFIGURATION
DIVIDER SELECTION LOGIC LEVELS
Part #
DivSel State
Operation
1 (Default)
÷16
PLL500-15
0
÷8
1 (Default)
÷4
PLL500-16
0
÷2
BLOCK DIAGRAM
VCON
XIN
VCXO
CLK
Selectable
Divider
Varicap
XOUT
DIVSEL
1
2
3
45
6
7
8
XIN
VCON
DIVSEL^
GND
XOUT
VDD
CLK
OE^
1
2
34
5
6
XOUT
VDD
CLK
XIN
GND
VCON
SOIC-8
SOT23-6*
^: Denotes internal Pull-up
*: SOT package offers single divider option only


Similar Part No. - PLL500-15SCL-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
PLL500-17 PLL-PLL500-17 Datasheet
208Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-17B PLL-PLL500-17B Datasheet
198Kb / 5P
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-17BDC PLL-PLL500-17BDC Datasheet
205Kb / 5P
Low Phase Noise VCXO (17MHz to 36MHz)
More results

Similar Description - PLL500-15SCL-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
Low Phase Noise VCXO (36MHz to 130MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
Low Phase Noise VCXO (36MHz to 130MHz)
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
PL500-15 MICREL-PL500-15 Datasheet
307Kb / 5P
Low Phase Noise VCXO (1MHz to 18MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com