Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1249CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1249CS8
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1249CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1249CS8 Datasheet HTML 1Page - Linear Technology LT1249CS8 Datasheet HTML 2Page - Linear Technology LT1249CS8 Datasheet HTML 3Page - Linear Technology LT1249CS8 Datasheet HTML 4Page - Linear Technology LT1249CS8 Datasheet HTML 5Page - Linear Technology LT1249CS8 Datasheet HTML 6Page - Linear Technology LT1249CS8 Datasheet HTML 7Page - Linear Technology LT1249CS8 Datasheet HTML 8Page - Linear Technology LT1249CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1249
1
Power Factor Controller
s
Standard 8-Pin Packages
s
High Power Factor Over Wide Load Range
with Line Current Averaging
s
International Operation Without Switches
s
Instantaneous Overvoltage Protection
s
Minimal Line Current Dead Zone
s
Typical 250
µA Start-Up Supply Current
s
Rejects Line Switching Noise
s
Synchronization Capability
s
Low Quiescent Current: 9mA
s
Fast 1.5A Peak Current Gate Driver
The 8-pin LT
®1249 provides active power factor correc-
tion for universal offline power systems with very few
external parts. By using fixed high frequency PWM current
averaging without the need for slope compensation, the
LT1249 achieves far lower line current distortion, with a
smaller magnetic element than systems that use either peak
current detection or zero current switching approach, in
both continuous and discontinuous modes of operation.
The LT1249 uses a multiplier containing a square gain
function from the voltage amplifier to reduce the AC gain
at light output load and thus maintains low line current
distortion and high system stability. The LT1249 also
provides filtering capability to reject line switching noise
which can cause instability when fed into the multiplier.
Line current dead zone is minimized with low bias voltage
at the current input to the multiplier.
The LT1249 provides many protection features including
peak current limiting and overvoltage protection. The
switching frequency is internally set at 100kHz.
While the LT1249 simplifies PFC design with minimal
parts count, the LT1248 provides flexibilities in switching
frequency, overvoltage and current limit.
–
+
–
+
–
+
–
+
–
+
IM =
IA
2 IB
200
µA2
VAOUT
7.5V
44
µA
22
µA
15
µA
1V
EA
–
+
32k
IA
IB
20
µA
250
µA MAX
IM
7.5V
VREF
0.7V
OSC
R
S
Q
6
4
5
32
1
7
8
35pF
IAC
VSENSE
MOUT
RMOUT
4k
4k
CAOUT
VCC
VCC
16V/10V
CA
MULTIPLIER
RUN
RUN
16V
GND
GTDR
1249 BD
SYNC
M1
gm = 1/3k
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Universal Power Factor Corrected Power Supplies
s
Preregulators up to 1500W
FEATURES
DESCRIPTIO
APPLICATIO S
BLOCK DIAGRA


Similar Part No. - LT1249CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1249CS8 LINER-LT1249CS8 Datasheet
143Kb / 12P
Power Factor Controller
More results

Similar Description - LT1249CS8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
Power Factor Controller
October, 2005 ??Rev. 10
logo
Fairchild Semiconductor
SG6961 FAIRCHILD-SG6961 Datasheet
576Kb / 14P
Power Factor Controller
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
Power Factor Controller
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
Power Factor Controller
March, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com