Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2487CDEPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2487CDEPBF
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487CDEPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2487CDEPBF Datasheet HTML 17Page - Linear Technology LTC2487CDEPBF Datasheet HTML 18Page - Linear Technology LTC2487CDEPBF Datasheet HTML 19Page - Linear Technology LTC2487CDEPBF Datasheet HTML 20Page - Linear Technology LTC2487CDEPBF Datasheet HTML 21Page - Linear Technology LTC2487CDEPBF Datasheet HTML 22Page - Linear Technology LTC2487CDEPBF Datasheet HTML 23Page - Linear Technology LTC2487CDEPBF Datasheet HTML 24Page - Linear Technology LTC2487CDEPBF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2487

2487fa
Figure 10. Synchronize Multiple LTC2487s with a Global Address Call
Figure 8. Write, Read, Start Conversion
Figure 9. Start a New Conversion Without Reading Old Conversion Result
7-BIT ADDRESS
CONVERSION
CONVERSION
ADDRESS
SLEEP
DATA OUTPUT
DATA INPUT
7-BIT ADDRESS
S
R
W ACK
ACK
WRITE
Sr
P
READ
2487 F08
7-BIT ADDRESS
CONVERSION
CONVERSION
SLEEP
DATA INPUT
S
W ACK
WRITE (OPTIONAL)
P
2487 F09
GLOBAL ADDRESS
SCL
SDA
…
ALL LTC2487s IN SLEEP
CONVERSION OF ALL LTC2487s
DATA INPUT
S
W ACK WRITE (OPTIONAL)
P
2487 F10
LTC2487
LTC2487
LTC2487
can be written into the device and a Stop command will
initiate the next conversion (see Figure 9).
Synchronizing Multiple LTC2487s with a Global
Address Call
In applications where several LTC2487s (or other I2C
delta-sigma ADCs from Linear Technology Corporation)
are used on the same I2C bus, all converters can be syn-
chronized through the use of a global address call. Prior
to issuing the global address call, all converters must have
completed a conversion cycle. The master then issues a
Start, followed by the global address 1110111, and a write
request. All converters will be selected and acknowledge
the request. The master then sends a write byte (optional)
followed by the Stop command. This will update the chan-
nel selection (optional) converter configuration (optional)
and simultaneously initiate a start of conversion for all
delta-sigma ADCs on the bus (see Figure 10). In order
to synchronize multiple converters without changing
the channel or configuration, a Stop may be issued after
acknowledgement of the global write command. Global
read commands are not allowed and the converters will
NAK a global read request.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com