Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2487CDEPBF Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2487CDEPBF
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487CDEPBF Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2487CDEPBF Datasheet HTML 24Page - Linear Technology LTC2487CDEPBF Datasheet HTML 25Page - Linear Technology LTC2487CDEPBF Datasheet HTML 26Page - Linear Technology LTC2487CDEPBF Datasheet HTML 27Page - Linear Technology LTC2487CDEPBF Datasheet HTML 28Page - Linear Technology LTC2487CDEPBF Datasheet HTML 29Page - Linear Technology LTC2487CDEPBF Datasheet HTML 30Page - Linear Technology LTC2487CDEPBF Datasheet HTML 31Page - Linear Technology LTC2487CDEPBF Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC2487

2487fa
Usingthe2xspeedmodeoftheLTC2487alterstherejection
characteristics around DC and multiples of fS. The device
bypassestheoffsetcalibrationinordertoincreasetheout-
put rate. The resulting rejection plots are shown in Figures
26 and 27. 1x type frequency rejection can be achieved
using the 2x mode by performing a running average of the
previous two conversion results (see Figure 28).
Output Data Rate
When using its internal oscillator, the LTC2487 produces
upto15samplespersecond(sps)withanotchfrequencyof
60Hz. The actual output data rate depends upon the length
of the sleep and data output cycles which are controlled
by the user and can be made insignificantly short. When
operating with an external conversion clock (FOconnected
to an external oscillator), the LTC2487 output data rate
can be increased. The duration of the conversion cycle is
41036/fEOSC. If fEOSC = 307.2kHz, the converter behaves
as if the internal oscillator is used.
An increase in fEOSC over the nominal 307.2kHz will trans-
late into a proportional increase in the maximum output
data rate (up to a maximum of 100sps). The increase in
output rate leads to degradation in offset, full-scale error
and effective resolution as well as a shift in frequency
rejection. When using the integrated temperature sensor,
the internal oscillator should be used or an external oscil-
lator fEOSC = 307.2kHz maximum.
A change in fEOSC results in a proportional change in the
internal notch position. This leads to reduced differential
mode rejection of line frequencies. The common mode
rejectionoflinefrequenciesremainsunchanged,thusfully
differential input signals with a high degree of symmetry
on both the IN+ and IN– pins will continue to reject line
frequency noise.
An increase in fEOSC also increases the effective dynamic
input and reference current. External RC networks will
continue to have zero differential input current, but the
time required for complete settling (580ns for fEOSC =
307.2kHz) is reduced, proportionally.
Once the external oscillator frequency is increased above
1MHz(amorethan3xincreaseinoutputrate)theeffective-
ness of internal auto calibration circuits begins to degrade.
This results in larger offset errors, full-scale errors, and
decreased resolution, as seen in Figures 29 to 36.
Figure 26. Input Normal Mode Rejection 2x Speed Mode
Figure 27. Input Normal Mode Rejection 2x Speed Mode
applicaTions inForMaTion
INPUT SIGNAL FREQUENCY (fN)
2487 F26
0
–20
–40
–60
–80
–100
–120
0
fN 2fN 3fN 4fN 5fN 6fN 7fN 8fN
INPUT SIGNAL FREQUENCY (fN)
2487 F27
0
–20
–40
–60
–80
–100
–120
250
248
252 254 256 258 260 262 264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com