Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL501J Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APL501J
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APL501J Datasheet(HTML) 1 Page - Advanced Power Technology

  APL501J Datasheet HTML 1Page - Advanced Power Technology APL501J Datasheet HTML 2Page - Advanced Power Technology APL501J Datasheet HTML 3Page - Advanced Power Technology APL501J Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER MOS IV®
STATIC ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
SOT-227
G
S
S
D
"UL Recognized" File No. E145592 (S)
APL501J
500V
43.0A 0.12
W
SINGLE DIE ISOTOP® PACKAGE
ISOTOP®
N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
G
D
S
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1 and Inductive Current Clamped
Gate-Source Voltage
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
APL501J
500
43
172
±30
520
4.16
-55 to 150
300
Characteristic / Test Conditions / Part Number
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250 µA)
On State Drain Current 2 (V
DS
> I
D
(ON) x R
DS
(ON) Max, V
GS
= 8V)
Drain-Source On-State Resistance
2 (V
GS
= 10V, 0.5 I
D
[Cont.])
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 0.8 V
DSS
, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Gate Threshold Voltage
(V
DS
= V
GS
, I
D
= 2.5mA)
MIN
TYP
MAX
500
43
0.12
25
250
±100
24
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
UNIT
Volts
Amps
Ohms
µA
nA
Volts
Symbol
V
DSS
I
D
I
DM
, l
LM
V
GS
P
D
T
J
,T
STG
T
L
Symbol
BV
DSS
I
D
(ON)
R
DS
(ON)
I
DSS
I
GSS
V
GS
(TH)
USA
405 S.W. Columbia Street
Bend, Oregon 97702 -1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Chemin de Magret
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT Website - http://www.advancedpower.com
THERMAL CHARACTERISTICS
Characteristic
Junction to Case
Junction to Ambient
RMS Voltage (50-60 Hz Sinusoidal Waveform From Terminals to Mounting Base for 1 Min.)
Maximum Torque for Device Mounting Screws and Electrical Terminations.
Symbol
RθJC
RθJA
VIsolation
Torque
MIN
TYP
MAX
0.28
40
2500
13
UNIT
°C/W
Volts
lb•in


Similar Part No. - APL501J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APL501J ADPOW-APL501J Datasheet
114Kb / 4P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - APL501J

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10B75XX SEME-LAB-SML10B75XX Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J144 SEME-LAB-SML10J144 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J225 SEME-LAB-SML10J225 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML120J25 SEME-LAB-SML120J25 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Advanced Power Technolo...
APT6060AN ADPOW-APT6060AN Datasheet
386Kb / 4P
N-CHANNEL ENHANCEMENT-MODE HIGH VOLTAGE POWER MOSFETS
logo
Seme LAB
BFC18 SEME-LAB-BFC18 Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com