Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL501J Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APL501J
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APL501J Datasheet(HTML) 3 Page - Advanced Power Technology

  APL501J Datasheet HTML 1Page - Advanced Power Technology APL501J Datasheet HTML 2Page - Advanced Power Technology APL501J Datasheet HTML 3Page - Advanced Power Technology APL501J Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
GS
, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D
, DRAIN CURRENT (AMPERES)
FIGURE4,TYPICALTRANSFERCHARACTERISTICS
FIGURE 5, R
DS
(ON) vs DRAIN CURRENT
T
C
, CASE TEMPERATURE (°C)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
T
J
, JUNCTION TEMPERATURE (°C)
T
C
, CASE TEMPERATURE (°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
VDS> ID (ON) x RDS (ON)MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = +25°C
TJ = -55°C
TJ = +125°C
TJ = +125°C
TJ = +25°C
TJ = -55°C
VGS=10V
VGS=20V
NORMALIZED TO
V
GS
= 10V @ 0.5 I
D
[Cont.]
I
D
= 0.5 I
D
[Cont.]
V
GS
= 10V
Crss
Coss
Ciss
0
2468
0
20
40
60
80
25
50
75
100
125
150
-50 -25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125
150
-50
-25
0
25
50
75
100 125 150
1
5
10
50 100
500
.01
.1
1
10
50
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
0.85
1.2
1.1
1.0
0.9
0.8
0.7
0.6
30,000
10,000
5,000
1,000
500
100
40
30
20
10
0
50
40
30
20
10
0
2.5
2.0
1.5
1.0
0.5
0.0
175
100
50
10
5
1
.5
.1
APL501J
OPERATION HERE
LIMITED BY RDS (ON)
TC =+25°C
TJ =+150°C
SINGLE PULSE
100µS
1mS
10mS
100mS
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com