Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS148 Datasheet(PDF) 8 Page - Texas Instruments

Part # 74LS148
Description  10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS148 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74LS148 Datasheet HTML 4Page - Texas Instruments 74LS148 Datasheet HTML 5Page - Texas Instruments 74LS148 Datasheet HTML 6Page - Texas Instruments 74LS148 Datasheet HTML 7Page - Texas Instruments 74LS148 Datasheet HTML 8Page - Texas Instruments 74LS148 Datasheet HTML 9Page - Texas Instruments 74LS148 Datasheet HTML 10Page - Texas Instruments 74LS148 Datasheet HTML 11Page - Texas Instruments 74LS148 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN54147, SN54148, SN54LS147, SN54LS148
SN74147, SN74148 (TIM9907), SN74LS147, SN74LS148
10LINE TO 4LINE AND 8LINE TO 3LINE PRIORITY ENCODERS
SDLS053B − OCTOBER 1976 − REVISED MAY 2004
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
’147
’148
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VIK
Input clamp voltage
VCC = MIN,
II = −12 mA
−1.5
−1.5
V
VOH
High-level output voltage
VCC = MIN,
VIL = 0.8 V,
VIH = 2 V,
IOH = −800 µA
2.4
3.3
2.4
3.3
V
VOL
Low-level output voltage
VCC = MIN,
VIL = 0.8 V,
VIH = 2 V,
IOL = 16 mA
0.2
0.4
0.2
0.4
V
II
Input current at maximum input
voltage
VCC = MIN,
VI = 5.5 V
1
1
mA
IIH
High-level input
0 input
VCC = MAX,
VI = 2.4 V
40
A
IIH
High-level input
current
Any input except 0
VCC = MAX,
VI = 2.4 V
40
80
µA
IIL
Low-level input
0 input
VCC = MAX,
VI = 0.4 V
−1.6
mA
IIL
Low-level input
current
Any input except 0
VCC = MAX,
VI = 0.4 V
−1.6
−3.2
mA
IOS
Short-circuit output current§
VCC = MAX
−35
−85
−35
−85
mA
ICC
Supply current
VCC = MAX
Condition 1
50
70
40
60
mA
ICC
Supply current
VCC = MAX
(See Note 5)
Condition 2
42
62
35
55
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time.
NOTE 5: For ’147, ICC (Condition 1) is measured with input 7 grounded, other inputs and outputs open; ICC (Condition 2) is measured with all
inputs and outputs open. For ’148, ICC (Condition 1) is measured with inputs 7 and EI grounded, other inputs and outputs open; ICC
(Condition 2) is measured with all inputs and outputs open.
SN54147, SN74147 switching characteristics, VCC = 5 V, TA = 255C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
WAVEFORM
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Any
Any
In-phase output
9
14
ns
tPHL
Any
Any
In-phase output
CL = 15 pF,
7
11
ns
tPLH
Any
Any
Out-of-phase output
CL = 15 pF,
RL = 400 Ω
13
19
ns
tPHL
Any
Any
Out-of-phase output
RL = 400
12
19
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com