Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS148 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LS148
Description  10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS148 Datasheet(HTML) 1 Page - Texas Instruments

  74LS148 Datasheet HTML 1Page - Texas Instruments 74LS148 Datasheet HTML 2Page - Texas Instruments 74LS148 Datasheet HTML 3Page - Texas Instruments 74LS148 Datasheet HTML 4Page - Texas Instruments 74LS148 Datasheet HTML 5Page - Texas Instruments 74LS148 Datasheet HTML 6Page - Texas Instruments 74LS148 Datasheet HTML 7Page - Texas Instruments 74LS148 Datasheet HTML 8Page - Texas Instruments 74LS148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN54147, SN54148, SN54LS147, SN54LS148
SN74147, SN74148 (TIM9907), SN74LS147, SN74LS148
10LINE TO 4LINE AND 8LINE TO 3LINE PRIORITY ENCODERS
SDLS053B − OCTOBER 1976 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
’147, ’LS147
D Encode 10-Line Decimal to 4-Line BCD
D Applications Include:
− Keyboard Encoding
− Range Selection
’148, ’LS148
D Encode 8 Data Lines to 3-Line Binary
(Octal)
D Applications Include:
− n-Bit Encoding
− Code Converters and Generators
32
1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
D
3
NC
2
1
6
7
NC
8
C
SN54LS147 ...FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
4
5
6
7
8
C
B
GND
VCC
NC
D
3
2
1
9
A
SN54147, SN54LS147 ...J OR W PACKAGE
SN74147, SN74LS147 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
4
5
6
7
EI
A2
A1
GND
VCC
E0
GS
3
2
1
0
A0
SN54148, SN54LS148 ...J OR W PACKAGE
SN74148, SN74LS148 . . . D, N, OR NS PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
GS
3
NC
2
1
6
7
NC
EI
A2
SN54LS148 . . . FK PACKAGE
(TOP VIEW)
TYPE
TYPICAL
DATA
DELAY
TYPICAL
POWER
DISSIPATION
’147
10 ns
225 mW
’148
10 ns
190 mW
’LS147
15 ns
60 mW
’LS148
15 ns
60 mW
NOTE: The SN54147, SN54LS147, SN54148, SN74147, SN74LS147, and SN74148 are obsolete and are no longer supplied.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - 74LS148

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS148 MOTOROLA-74LS148 Datasheet
231Kb / 7P
10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
logo
ON Semiconductor
74LS148 ONSEMI-74LS148 Datasheet
134Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS148 TI-74LS148 Datasheet
177Kb / 22P
10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
logo
Hitachi Semiconductor
74LS148 HITACHI-74LS148 Datasheet
70Kb / 6P
8-line-to-3-line Octal Priority Encoders
logo
Motorola, Inc
74LS148N MOTOROLA-74LS148N Datasheet
231Kb / 7P
10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
More results

Similar Description - 74LS148

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS147 MOTOROLA-SN54LS147 Datasheet
231Kb / 7P
10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
logo
Texas Instruments
SN54147 TI-SN54147 Datasheet
177Kb / 22P
10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
SN54HC148 TI-SN54HC148 Datasheet
585Kb / 17P
8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS348 TI-SN54LS348 Datasheet
192Kb / 5P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS148 HITACHI-HD74LS148 Datasheet
70Kb / 6P
8-line-to-3-line Octal Priority Encoders
logo
Texas Instruments
SN54LS148 TI-SN54LS148 Datasheet
556Kb / 20P
10 LINE TO 4 LINE AND 8 LINE TO 3 LINE PRIORITY ENCODERS
SN54LS348 TI-SN54LS348_06 Datasheet
586Kb / 13P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54HC148 TI1-SN54HC148_15 Datasheet
1Mb / 19P
8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS348 TI1-SN54LS348_14 Datasheet
536Kb / 13P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54147 TI1-SN54147_15 Datasheet
1Mb / 26P
10-LINE TO 4-LINE AND 8-LINE PRIORITY ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com