Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2489 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2489
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2489 Datasheet HTML 9Page - Linear Technology LTC2489 Datasheet HTML 10Page - Linear Technology LTC2489 Datasheet HTML 11Page - Linear Technology LTC2489 Datasheet HTML 12Page - Linear Technology LTC2489 Datasheet HTML 13Page - Linear Technology LTC2489 Datasheet HTML 14Page - Linear Technology LTC2489 Datasheet HTML 15Page - Linear Technology LTC2489 Datasheet HTML 16Page - Linear Technology LTC2489 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2489
13
2489f
Figure 3a. Timing Diagram for Reading from the LTC2489
SLEEP
DATA OUTPUT
ACK BY
LTC2489
ACK BY
MASTER
ALWAYS LOW
START BY
MASTER
NAK BY
MASTER
LSB
R
MSB
SIG
D23
7
…
…
89
1
2
9
1
2
3
4
5
6
7
8
9
1
7-BIT
ADDRESS
2489 F03a
SCL
SDA
ACK BY
LTC2489
ACK BY
LTC2489
NAK BY
LTC2489
START BY
MASTER
SGL ODD
W
0
1
SCL
SDA
EN
A2
A1
A0
7
…8
9
2
1
2
3
4
5
6
7
8
9
1
7-BIT ADDRESS
2489 F03b
XX
XX
X
XX
X
SLEEP
DATA INPUT
19
23
4
5
6
7
8
Figure 3b. Timing Diagram for Writing to the LTC2489
The first input bit (SGL) following the 101 sequence de-
termines if the input selection is differential (SGL = 0) or
single-ended (SGL = 1). For SGL = 0, two adjacent chan-
nels can be selected to form a differential input. For SGL
= 1, one of 4 channels is selected as the positive input.
The negative input is COM for all single-ended operations.
The remaining four bits (ODD, A2, A1, A0) determine
which channel(s) is/are selected and the polarity (for a
differential input).
Initiating a New Conversion
When the LTC2489 finishes a conversion, it automatically
enters the sleep state. Once in the sleep state, the device is
ready for a read operation. After the device acknowledges
a read request, the device exits the sleep state and enters
the data output state. The data output state concludes
and the LTC2489 starts a new conversion once a Stop
condition is issued by the master or all 24 bits of data are
read out of the device.
During the data read cycle, a Stop command may be issued
by the master controller in order to start a new conversion
and abort the data transfer. This Stop command must be
issued during the ninth clock cycle of a byte read when
the bus is free (the ACK/NAK cycle).
LTC2489 Address
The LTC2489 has two address pins (CA0, CA1). Each may
be tied high, low, or left floating enabling one of 9 possible
addresses (see Table 4).
In addition to the configurable addresses listed in Table 4,
the LTC2489 also contains a global address (1110111)
which may be used for synchronizing multiple LTC2489s
or other LTC24XX delta-sigma I2C devices, (See Syn-
chronizing Multiple LTC2489s with Global Address Call
section).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com