Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2489 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2489
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489 Datasheet(HTML) 2 Page - Linear Technology

  LTC2489 Datasheet HTML 1Page - Linear Technology LTC2489 Datasheet HTML 2Page - Linear Technology LTC2489 Datasheet HTML 3Page - Linear Technology LTC2489 Datasheet HTML 4Page - Linear Technology LTC2489 Datasheet HTML 5Page - Linear Technology LTC2489 Datasheet HTML 6Page - Linear Technology LTC2489 Datasheet HTML 7Page - Linear Technology LTC2489 Datasheet HTML 8Page - Linear Technology LTC2489 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2489
2
2489f
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2489CDE#PBF
LTC2489IDE#PBF
LTC2489CDE#TRPBF
LTC2489IDE#TRPBF
2489
2489
14-Lead (4mm × 3mm) Plastic DFN
14-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
1
2
3
4
5
6
7
14
13
12
11
10
9
8
REF–
REF+
VCC
CH3
CH2
CH1
CH0
FO
CA0
CA1
SCL
SDA
GND
COM
DE PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
15
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage
(CH0 to CH3, COM) .................. –0.3V to (VCC + 0.3V)
REF+, REF–.................................... –0.3V to (VCC + 0.3V)
Digital Input Voltage...................... –0.3V to (VCC + 0.3V)
Digital Output Voltage ................... –0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2489C ................................................ 0°C to 70°C
LTC2489I ............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com