Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5676 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5676
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5676 Datasheet HTML 12Page - Analog Devices AD5676 Datasheet HTML 13Page - Analog Devices AD5676 Datasheet HTML 14Page - Analog Devices AD5676 Datasheet HTML 15Page - Analog Devices AD5676 Datasheet HTML 16Page - Analog Devices AD5676 Datasheet HTML 17Page - Analog Devices AD5676 Datasheet HTML 18Page - Analog Devices AD5676 Datasheet HTML 19Page - Analog Devices AD5676 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
AD5673R/AD5677R
Data Sheet
Rev. 0 | Page 16 of 31
SUPPLY VOLTAGE (V)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.7
3.2
3.7
4.2
4.7
5.2
TA = 25°C
INTERNAL REFERENCE = 2.5V
ZERO CODE ERROR
OFFSET ERROR
Figure 29. AD5677R Zero Code Error and Offset Error vs. Supply Voltage
1.5
–1.5
–1.0
1.0
0.5
–0.5
0
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
ZERO-CODE ERROR
OFFSET ERROR
Figure 30. AD5673R Zero Code Error and Offset Error vs. Supply Voltage
0
10
20
30
40
50
60
3330 3350 3370 3390 3410 3430 3450 3470 3490 3510 3530 3550
IDD FULL SCALE (µA)
VDD = 5.5V
GAIN = 2
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 31. Supply Current (IDD) Histogram with Internal Reference
SOURCING – VDD = 5V; G = 1
SOURCING – VDD = 2.7V; G = 1
SOURCING – VDD = 5.5V; G = 2
SOURCING – VDD = 3.3V; G = 1
SINKING – VDD = 5V; G = 1
SINKING – VDD = 2.7V; G = 1
SINKING – VDD = 5.5V; G = 2
SINKING – VDD = 3.3V; G = 1
1.4
–1.4
–1.0
–0.6
–0.2
0.2
0.4
1.0
0
0.005
0.010
0.015
0.020
0.025
0.030
LOAD CURRENT (A)
Figure 32. Headroom and Footroom (ΔVOUT) vs. Load Current
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
OUTPUT CURRENT (A)
0xFFFF
0xC000
0x8000
0x4000
0x0000
VDD = 3V
TA = 25°C
GAIN = 1
INTERNAL REFERENCE = 2.5V
REQUIRED VDD HEADROOM
TO MAINTAIN VOUTx = 2.5V
Figure 33. Source and Sink Capability at VDD = 3 V
OUTPUT CURRENT (A)
–2
–1
0
1
2
3
4
5
6
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
VDD = 5V
TA = 25°C
GAIN = 2
INTERNAL REFERENCE = 2.5V
0xFFFF
0xC000
0x8000
0x4000
0x0000
REQUIRED VDD HEADROOM
TO MAINTAIN VOUTx = 5V
Figure 34. Source and Sink Capability at VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com