Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5676 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5676
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5676 Datasheet HTML 23Page - Analog Devices AD5676 Datasheet HTML 24Page - Analog Devices AD5676 Datasheet HTML 25Page - Analog Devices AD5676 Datasheet HTML 26Page - Analog Devices AD5676 Datasheet HTML 27Page - Analog Devices AD5676 Datasheet HTML 28Page - Analog Devices AD5676 Datasheet HTML 29Page - Analog Devices AD5676 Datasheet HTML 30Page - Analog Devices AD5676 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
AD5673R/AD5677R
Rev. 0 | Page 29 of 31
SOLDER HEAT REFLOW
As with all IC reference voltage circuits, the reference value
experiences a shift induced by the soldering process. Analog
Devices, Inc., performs a reliability test called precondition to
mimic the effect of soldering a device to a board. The output
voltage specification in Table 2 and Table 3 includes the effect of
this reliability test.
Figure 63 shows the effect of solder heat reflow as measured
through the reliability test (precondition).
0
50
100
150
200
250
300
350
400
VREF (V)
POSTSOLDER HEAT REFLOW
PRESOLDER HEAT REFLOW
Figure 63. Solder Heat Reflow Reference Voltage Shift
LONG-TERM TEMPERATURE DRIFT
Figure 64 shows the change in VREF value after 1000 hours in the
life test at 150°C.
120
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
ELAPSED TIME (Hours)
0
100
200
300
400
500
600
700
800
900
1000
Figure 64. Reference Drift Through to 1000 Hours
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient to
cold, to hot, and then back to ambient.
Thermal hysteresis data is shown in Figure 65. Thermal hysteresis
is measured by sweeping the temperature from ambient to −40°C,
then to +125°C, and returning to ambient. ∆VREF is then
measured between the two ambient measurements, as shown in
Figure 65 (first temperature sweep).
The same temperature sweep and measurements were
immediately repeated, and the results are shown in Figure 65
(subsequent temperature sweeps).
0
1
2
3
–130 –110
–90
–70
–50
–30
–10
10
30
50
70
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS
Figure 65. Thermal Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com