Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5679 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5679
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5679 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5679 Datasheet HTML 12Page - Analog Devices AD5679 Datasheet HTML 13Page - Analog Devices AD5679 Datasheet HTML 14Page - Analog Devices AD5679 Datasheet HTML 15Page - Analog Devices AD5679 Datasheet HTML 16Page - Analog Devices AD5679 Datasheet HTML 17Page - Analog Devices AD5679 Datasheet HTML 18Page - Analog Devices AD5679 Datasheet HTML 19Page - Analog Devices AD5679 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 16 of 32
Figure 31. AD5679/AD5679R Zero Code Error and Offset Error vs. Supply
Voltage
Figure 32. AD5674/AD5674R Zero Code Error and Offset Error vs. Supply
Voltages
Figure 33. Supply Current (IDD) Histogram with Internal Reference
Figure 34. Headroom and Footroom (ΔVOUT) vs. Load Current
Figure 35. Source and Sink Capability at VDD = 3 V
Figure 36. Source and Sink Capability at VDD = 5 V
SUPPLY VOLTAGE (V)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.7
3.2
3.7
4.2
4.7
5.2
TA = 25°C
INTERNAL REFERENCE = 2.5V
ZERO CODE ERROR
OFFSET ERROR
1.5
–1.5
–1.0
1.0
0.5
–0.5
0
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
ZERO-CODE ERROR
OFFSET ERROR
0
10
20
30
40
50
60
3330 3350 3370 3390 3410 3430 3450 3470 3490 3510 3530 3550
IDD FULLSCALE (µA)
VDD = 5.5V
GAIN = 2
TA = 25°C
INTERNAL REFERENCE = 2.5V
SOURCING – VDD = 5V; G = 1
SOURCING – VDD = 2.7V; G = 1
SOURCING – VDD = 5.5V; G = 2
SOURCING – VDD = 3.3V; G = 1
SINKING – VDD = 5V; G = 1
SINKING – VDD = 2.7V; G = 1
SINKING – VDD = 5.5V; G = 2
SINKING – VDD = 3.3V; G = 1
1.4
–1.4
–1.0
–0.6
–0.2
0.2
0.4
1.0
0
0.005
0.010
0.015
0.020
0.025
0.030
LOAD CURRENT (A)
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
OUTPUT CURRENT (A)
0xFFFF
0xC000
0x8000
0x4000
0x0000
VDD = 3V
TA = 25°C
GAIN = 1
INTERNAL REFERENCE = 2.5V
REQUIRED VDD HEADROOM
TO MAINTAIN VOUTx = 2.5V
OUTPUT CURRENT (A)
–2
–1
0
1
2
3
4
5
6
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
VDD = 5V
TA = 25°C
GAIN = 2
INTERNAL REFERENCE = 2.5V
0xFFFF
0xC000
0x8000
0x4000
0x0000
REQUIRED VDD HEADROOM
TO MAINTAIN VOUTx = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com