Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5679 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5679
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5679 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5679 Datasheet HTML 17Page - Analog Devices AD5679 Datasheet HTML 18Page - Analog Devices AD5679 Datasheet HTML 19Page - Analog Devices AD5679 Datasheet HTML 20Page - Analog Devices AD5679 Datasheet HTML 21Page - Analog Devices AD5679 Datasheet HTML 22Page - Analog Devices AD5679 Datasheet HTML 23Page - Analog Devices AD5679 Datasheet HTML 24Page - Analog Devices AD5679 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 21 of 32
TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or integral nonlinearity is a
measurement of the maximum deviation, in LSBs, from a straight
line passing through the endpoints of the DAC transfer function.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum
ensures monotonicity. These DACs are guaranteed monotonic
by design.
Zero Code Error
Zero code error is a measurement of the output error when zero
code (0x0000) is loaded to the DAC register. The ideal output is
0 V. The zero code error is always positive because the output of
the DAC cannot go below 0 V due to a combination of the offset
errors in the DAC and the output amplifier. Zero code error is
expressed in mV.
Full-Scale Error
Full-scale error is a measurement of the output error when full-
scale code (0xFFFF) is loaded to the DAC register. The ideal
output is VDD − 1 LSB. Full-scale error is expressed in percent of
full-scale range (% of FSR).
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer characteristic from the
ideal expressed as % of FSR.
Offset Error Drift
Offset error drift is a measurement of the change in offset error
with a change in temperature. Offset error drift is expressed in
µV/°C.
Offset Error
Offset error is a measure of the difference between VOUT (actual)
and VOUT (ideal) expressed in mV in the linear region of the
transfer function. Offset error is measured with Code 256 loaded
in the DAC register. Offset error can be negative or positive.
DC Power Supply Rejection Ratio (PSRR)
The dc PSRR indicates how the output of the DAC is affected by
changes in the supply voltage. PSRR is the ratio of the change in
VOUT to a change in VDD for full-scale output of the DAC. PSRR
is measured in mV/V. VREF is held at 2 V, and VDD is varied by
±10%.
Output Voltage Settling Time
The output voltage settling time is the amount of time it takes for
the output of a DAC to settle to a specified level for a ¼ to ¾ full-
scale input change and is measured from the rising edge of SYNC.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. Digital-to-analog glitch impulse is normally specified as the
area of the glitch in nV-sec, and is measured when the digital
input code is changed by 1 LSB at the major carry transition
(0x7FFF to 0x8000).
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC,
but is measured when the DAC output is not updated. Digital
feedthrough is specified in nV-sec and measured with a full-
scale code change on the data bus, that is, from all 0s to all 1s
and vice versa.
Reference Feedthrough
Reference feedthrough is the ratio of the amplitude of the signal
at the DAC output to the reference input when the DAC output
is not being updated. Reference feedthrough is expressed in dB.
Noise Spectral Density
Noise spectral density is a measurement of the internally generated
random noise. Random noise is characterized as a spectral density
(nV/√Hz). Noise spectral density is measured by loading the DAC
to midscale and measuring noise at the output. Noise spectral
density is measured in nV/√Hz.
DC Crosstalk
DC crosstalk is the dc change in the output level of one DAC in
response to a change in the output of another DAC. DC crosstalk
is measured with a full-scale output change on one DAC (or soft
power-down and power-up) when monitoring another DAC
kept at midscale. DC crosstalk is expressed in μV.
DC crosstalk due to load current change is a measure of the impact
that a change in load current on one DAC has on another DAC
kept at midscale. DC crosstalk due to load current change is
expressed in μV/mA.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output
of one DAC at midscale in response to a full-scale code change
(all 0s to all 1s and vice versa) in the input register of another
DAC. Digital crosstalk is measured in standalone mode and is
expressed in nV-sec.
Analog Crosstalk
Analog crosstalk is the glitch impulse transferred to the output
of one DAC due to a change in the output of another DAC.
Analog crosstalk is measured by first loading one of the input
registers with a full-scale code change (all 0s to all 1s and vice
versa). Then, execute a software LDAC and monitor the output
of the DAC whose digital code was not changed. The area of the
glitch is expressed in nV-sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com