Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2609IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2609IGN
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2609IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2609IGN Datasheet HTML 6Page - Linear Technology LTC2609IGN Datasheet HTML 7Page - Linear Technology LTC2609IGN Datasheet HTML 8Page - Linear Technology LTC2609IGN Datasheet HTML 9Page - Linear Technology LTC2609IGN Datasheet HTML 10Page - Linear Technology LTC2609IGN Datasheet HTML 11Page - Linear Technology LTC2609IGN Datasheet HTML 12Page - Linear Technology LTC2609IGN Datasheet HTML 13Page - Linear Technology LTC2609IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC2609/LTC2619/LTC2629
26091929f
PIN FUNCTIONS
GND (Pin 1): Analog Ground.
REFLO (Pin 2): Reference Low. The voltage at this pin sets
the zero scale (ZS) voltage of all DACs. This pin can be
raised up to 1V above ground at VCC = 5V or 100mV above
ground at VCC = 3V.
REFA to REFD (Pins 3, 6, 12, 15): Reference Voltage
Inputs for each DAC. REFx sets the full-scale voltage of the
DACs. REFLO
≤ REFx ≤ VCC.
VOUTA to VOUTD (Pins 4, 5, 13, 14): DAC Analog Voltage
Outputs. The output range is from REFLO to REFx.
CA2 (Pin 7): Chip Address Bit 2. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the part
(Table 1).
SCL (Pin 8): Serial Clock Input Pin. Data is shifted into the
SDA pin at the rising edges of the clock. This high
impedance pin requires a pull-up resistor or current source
to VCC.
SDA (Pin 9): Serial Data Bidirectional Pin. Data is shifted
into the SDA pin and acknowledged by the SDA pin. This
pin is high impedance pin while data is shifted in and is an
open-drain N-channel output during acknowledgment.
SDA requires a pull-up resistor or current source to VCC.
CA1 (Pin 10): Chip Address Bit 1. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the part
(Table 1).
CA0 (Pin 11): Chip Address Bit 0. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the part
(Table 1).
VCC (Pin 16): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com