Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2609IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2609IGN
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2609IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2609IGN Datasheet HTML 12Page - Linear Technology LTC2609IGN Datasheet HTML 13Page - Linear Technology LTC2609IGN Datasheet HTML 14Page - Linear Technology LTC2609IGN Datasheet HTML 15Page - Linear Technology LTC2609IGN Datasheet HTML 16Page - Linear Technology LTC2609IGN Datasheet HTML 17Page - Linear Technology LTC2609IGN Datasheet HTML 18Page - Linear Technology LTC2609IGN Datasheet HTML 19Page - Linear Technology LTC2609IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC2609/LTC2619/LTC2629
26091929f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIO
VOUTA
REFA
VOUTB
REFB
VOUTC
REFC
VOUTD
REFD
VOUTA
REFA
VOUTB
REFB
VOUTC
REFC
VOUTD
REFD
GND
GND
E10
E11
E2
E3
E4
E5
E6
E7
E8
E9
4
3
5
6
13
12
14
15
11
10
7
CA0
CA1
CA2
SDA
SCL
9
8
REFLO
GND
VCC
LTC2609CGN
VCC
16
C1
0.1
µF
JP1 REFLO
EXT
GND
1
REFLO
2
EXT REFLO
VCC
I2C
20-BIT
ADC
8-CHANNEL
MUX
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
ZSSET
CSADC
CSMUX
SCK
CLK
DIN
SD0
23
20
25
19
21
24
CS
SCK
MOSI
MISO
9
10
11
12
13
14
15
17
5
+
–
MUXOUT ADCIN
FSSET
LTC2428CG
74
3
R8
22
Ω
C3
100pF
C7
1
µF
6.3V
C4
0.1
µF
R5
7.5k
R6
7.5k
R7
7.5k
SPI
BUS
VCC
GND
616
18
22
27
28
26
2609 TA02
1
GND GND GND GND GND GND
F0
VREF
VCC
VCC
2
VCC
8
C5
0.1
µF
DISABLE
ADC
JP2
ON/OFF
A
B
C
5
3
1
6
4
2
A
B
C
5
3
1
6
4
2
A
B
C
5
3
1
6
4
2
A
B
C
5
3
1
6
4
2
A
VREF
5VREF
4.096VREF
2.048VREF
ADC REF
JP7
REFA
JP3
REFB
JP4
REFC
JP5
REFD
JP6
B
C
5
3
1
6
4
2
VIN
NC
5VREF
C6
0.1
µF
VIN
5
6
6
6
12
4
3
VOUT
NC
GND GND
LT1790ACS6-5
C9
1
µF
6.3V
VIN
NC
4.096VREF
C8
0.1
µF
VIN
5
12
4
3
VOUT
NC
GND GND
LT1790ACS6-4.096
C11
1
µF
6.3V
VIN
NC
2.048VREF
C10
0.1
µF
VIN
5
12
4
3
VOUT
NC
GND GND
LT1790ACS6-2.048
Demo Board Schematic—Onboard 20-Bit ADC Measures Key Performance Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com