Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4100 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 1N4100
Description  0.5W, 250μA IZT , Bare Die Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

1N4100 Datasheet(HTML) 2 Page - Silicon Supplies

  1N4100 Datasheet HTML 1Page - Silicon Supplies 1N4100 Datasheet HTML 2Page - Silicon Supplies 1N4100 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.5W, 250µA IZT , Bare Die Zener Diode
Absolute Maximum Ratings1 T
A = 25°C unless otherwise stated
Rev 1.0
07/07/17
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
2
PTOT
500
mW
Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to +200
°C
Forward Voltage @ IF = 200mA
VF
1.5
V
Electrical Characteristics T
A = 25°C unless otherwise stated
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
3
MAXIMUM DC
ZENER
CURRENT
VZ @ IZT
IZT
IR @ VR
ZZ @ IZT
IZM
DEVICE
V
µA
Min.
Nom.
Max.
µA
V
Ω
mA
1N4099
6.46
6.8
7.14
250
10
5.17
200
56.0
1N4100
7.13
7.5
7.88
250
10
5.70
200
51.0
1N4101
7.79
8.2
8.61
250
1
6.24
200
46.0
1N4102
8.27
8.7
9.14
250
1
6.61
200
44.0
1N4103
8.65
9.1
9.56
250
1
6.92
200
42.0
1N4104
9.50
10
10.50
250
1
7.60
200
38.0
1N4105
10.45
11
11.55
250
0.05
8.44
200
35.0
1N4106
11.40
12
12.60
250
0.05
9.12
200
32.0
1N4107
12.35
13
13.65
250
0.05
9.87
200
29.0
1N4108
13.30
14
14.70
250
0.05
10.65
200
27.0
1N4109
14.25
15
15.75
250
0.05
11.40
100
25.0
1N4110
15.20
16
16.80
250
0.05
12.15
100
24.0
1N4111
16.15
17
17.85
250
0.05
12.92
100
22.0
1N4112
17.10
18
18.90
250
0.05
13.67
100
21.0
1N4113
18.05
19
19.95
250
0.05
14.44
150
20.0
1N4114
19.00
20
21.00
250
0.01
15.20
150
19.0
1N4115
20.90
22
23.10
250
0.01
16.72
150
17.0
1N4116
22.80
24
25.20
250
0.01
18.25
150
16.0
1N4117
23.75
25
26.25
250
0.01
19.00
150
15.0
1N4118
25.65
27
28.35
250
0.01
20.46
150
14.0
1N4119
26.60
28
29.40
250
0.01
21.28
200
14.0
1N4120
28.50
30
31.50
250
0.01
22.80
200
13.0
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com