Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4100 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 1N4100
Description  0.5W, 250μA IZT , Bare Die Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

1N4100 Datasheet(HTML) 3 Page - Silicon Supplies

  1N4100 Datasheet HTML 1Page - Silicon Supplies 1N4100 Datasheet HTML 2Page - Silicon Supplies 1N4100 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.siliconsupplies.com
0.5W, 250µA IZT , Bare Die Zener Diode
Rev 1.0
07/07/17
Electrical Characteristics T
A = 25°C unless otherwise stated
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
3
MAXIMUM DC
ZENER
CURRENT
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
VZ @ IZT
IZT
IR @ VR
ZZ @ IZT
IZM
DEVICE
V
Nom.
Max.
µA
µA
V
Ω
mA
Min.
1N4121
31.35
33
34.65
250
0.01
25.08
200
12.0
1N4122
34.20
36
37.80
250
0.01
27.38
200
11.0
1N4123
37.05
39
40.95
250
0.01
29.65
200
9.8
1N4124
40.85
43
45.15
250
0.01
32.65
250
8.9
1N4125
44.65
47
49.35
250
0.01
35.75
250
8.1
1N4126
48.45
51
53.55
250
0.01
38.76
300
7.5
1N4127
53.20
56
58.80
250
0.01
42.6
300
6.7
1N4128
57.00
60
63.00
250
0.01
45.6
400
6.4
1N4129
58.90
62
65.10
250
0.01
47.1
500
6.1
1N4130
64.60
68
71.40
250
0.01
51.68
700
5.6
1N4131
71.25
75
78.75
250
0.01
57
700
5.1
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
2. Assembled in DO-35 package. Performance in die form subject to assembly heat sinking and die attach methods.
3. Zener impedance is derived by superimposing on lZT a 60Hz rms AC current equal to 10% of lZT.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com