Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES10D Datasheet(PDF) 4 Page - ON Semiconductor

Part # FES10D
Description  Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FES10D Datasheet(HTML) 4 Page - ON Semiconductor

  FES10D Datasheet HTML 1Page - ON Semiconductor FES10D Datasheet HTML 2Page - ON Semiconductor FES10D Datasheet HTML 3Page - ON Semiconductor FES10D Datasheet HTML 4Page - ON Semiconductor FES10D Datasheet HTML 5Page - ON Semiconductor FES10D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FES10D, FES10G, FES10J
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Fig 7. Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
10
11
12
T
L
(Cathode)
T
A
TEMPERATURE (
oC)
0.1
1
10
100
10
100
1000
V
R
− REVERSE BIAS VOLTAGE (V)
f=1MHz
Fig 8. Typical Junction Capacitance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com