Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES10D Datasheet(PDF) 2 Page - ON Semiconductor

Part # FES10D
Description  Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FES10D Datasheet(HTML) 2 Page - ON Semiconductor

  FES10D Datasheet HTML 1Page - ON Semiconductor FES10D Datasheet HTML 2Page - ON Semiconductor FES10D Datasheet HTML 3Page - ON Semiconductor FES10D Datasheet HTML 4Page - ON Semiconductor FES10D Datasheet HTML 5Page - ON Semiconductor FES10D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FES10D, FES10G, FES10J
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping†
FES10D
FES10D
TO−277 3L (with DAP Option only)
5000 / Tape & Reel
FES10G
FES10G
TO−277 3L (with DAP Option only)
5000 / Tape & Reel
FES10J
FES10J
TO−277 3L (with DAP Option only)
5000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
THERMAL CHARACTERISTICS (Values are at TA = 25°C unless otherwise noted) (Note 1)
Parameter
Symbol
Value
Unit
Thermal Characteristics, Junction−to−Lead, Thermocouple Soldered to Cathode
YJL
6
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
100
°C/W
1. Per JESD51−3 Recommended Thermal Test Board.
ELECTRICAL CHARACTERISTICS (Values are at TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
FES10D
FES10G
FES10J
VF
Maximum Instantaneous Forward
Voltage (Note 2)
IF = 10 A
0.95
1.20
1.80
V
IF = 10 A, TJ = 125°C
0.86
1.00
−
IR
Maximum Reverse Current
at Rated VR
TJ = 25°C
5
mA
TJ = 125°C
250
500
CJ
Typical Junction Capacitance
VR = 4 V, f = 1 MHz
140
pF
Trr
Typical Reverse Recovery Time
IF = 0.5 A, IR = 1 A, IRR = 0.25 A
30
ns
IF = 1 A, di/dt = 50 A/ms, VR = 30 A
40
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse test with PW = 300
ms, 1% duty cycle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com