Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1541A/N2/R1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1541A/N2/R1
Description  Stereo high performance 16-bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541A/N2/R1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1541A/N2/R1 Datasheet HTML 2Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 3Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 4Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 5Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 6Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 7Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 8Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 9Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
February 1991
6
Philips Semiconductors
Product specification
Stereo high performance 16-bit DAC
TDA1541A
CHARACTERISTICS
VDD = 5 V; −VDD1 = 5 V; −VDD2 = 15 V; Tamb = +25 °C; mea sured in the circuit of Fig.1; unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage; pin 28
4.5
5.0
5.5
V
−VDD1
supply voltage; pin 26
4.5
5.0
5.5
V
−V
DD2
supply voltage; pin 15
14.0
15.0
16.0
V
VGND(A)
−VGND(D)
voltage difference between
analog and digital ground
−0.3
0
+0.3
V
IDD
supply current; pin 28
−
27
40
mA
−IDD1
supply current; pin 26
−
37
50
mA
−IDD2
supply current; pin 15
−
25
35
mA
Inputs
input current pins (1, 2, 3 and 4)
−IIL
digital inputs LOW
VI = 0.8 V
−−
0.4
mA
IIH
digital inputs HIGH
VI = 2.0 V
−−
20
µA
Digital input currents (pin 27)
IOB/TWC
+5 V
−−
1
µA
IOB/TWC
0 V
−−
20
µA
IOB/TWC−5 V
−−
40
µA
input frequency/bit rate
fBCK
clock input pin 2
−−
6.4
MHz
BR
bit rate data input pin 3 and 4
−−
6.4
Mbits/s
fWS
word select input pin 2
−−
200
kHz
fLE
latch enable input 1
−−
200
kHz
CI
input capacitance of digital inputs
−
12
−
pF
Analog outputs (AOL;AOR; see note 1)
Res
resolution
−
16
−
bits
IFS
full scale current
3.4
4.0
4.6
mA
IZS
zero scale current
−
25
50
nA
TCFS
full scale temperature coefficient
Tamb =
−20 to +85 °C
−
±200 ×
10−6
−
K−1
Analog outputs (Vref)
EL
integral linearity error
Tamb = 25 °C
−
0.5
1.0
LSB
EL
integral linearity error
Tamb =
−20 to +85 °C
−−
1.0
LSB
EdL
differential linearity error
Tamb = 20 °C,
note 2
−
0.5
1.0
LSB
EdL
differential linearity error
Tamb =
−20 to +85 °C
−−
1.0
LSB
THD
total harmonic distortion
at 0 dB; note 3
−100
−−
dB
−
0.0010
−
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com