Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1541A/N2/R1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1541A/N2/R1
Description  Stereo high performance 16-bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541A/N2/R1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1541A/N2/R1 Datasheet HTML 3Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 4Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 5Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 6Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 7Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 8Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 9Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 10Page - NXP Semiconductors TDA1541A/N2/R1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
February 1991
7
Philips Semiconductors
Product specification
Stereo high performance 16-bit DAC
TDA1541A
Notes to the characteristics
1. To ensure no performance losses, permitted output voltage compliance is
±25 mV maximum.
2. Selections have been made with respect to the maximum differential linearity error (EdL):
TDA1541A/N2
bit 1-16
EdL < 1 LSB
TDA1541A/N2/R1
bit 1-16
EdL < 2 LSB
TDA1541A/N2/S1
bit 1-7
EdL < 0.5 LSB
bit 8-15
EdL < 1 LSB
bit 16
EdL < 0.75 LSB
THD
total harmonic distortion
including noise
at 0 dB;
note 3, Fig. 3, 4
−
−
−95
0.0018
−90
0.0032
dB
%
THD
total harmonic distortion
including noise
at
−60 dB;
note 3, Fig. 3, 4
−
−
−42
0.79
−
−
dB
%
tcs
settling time
±1 LSB
−
0.5
−µs
α
channel separation
90
98
−
dB
|dIO|
unbalance between outputs
note 4
−
< 0.1
0.3
dB
|td|
time delay between outputs
−−
0.2
µs
SSVR
supply voltage ripple rejection
VDD = +5 V;
note 4
−−76
−
dB
SSVR
supply voltage ripple rejection
VDD1 = −5 V;
note 4
−−84
−
dB
SSVR
supply voltage ripple rejection
VDD2 = −15 V;
note 4
−−58
−
dB
S/N
signal-to-noise ratio
at bipolar zero
−
110
−
dB
S/N
signal-to-noise ratio
at full scale
98
104
−
dB
Timing (Fig. 5 and 6)
tr
rise time
−−
32
ns
tf
fall time
−−
32
ns
tCY
bit clock cycle time
156
−−
ns
tHB
bit clock HIGH time
46
−−
ns
tLB
bit clock LOW time
46
−−
ns
tFBRL
bit clock fall time to latch enable
rise time
0
−−
ns
tRBFL
bit clock rise time to latch enable
fall time
0
−−
ns
tSU;DAT
data set-up time
32
−−
ns
tHD;DAT
data hold time to bit clock
0
−−
ns
tHD;WS
word select hold time
0
−−
ns
tSU;WS
word select set-up time
32
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com