Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT6010LLLG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT6010LLLG
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT6010LLLG Datasheet(HTML) 3 Page - Microsemi Corporation

  APT6010LLLG Datasheet HTML 1Page - Microsemi Corporation APT6010LLLG Datasheet HTML 2Page - Microsemi Corporation APT6010LLLG Datasheet HTML 3Page - Microsemi Corporation APT6010LLLG Datasheet HTML 4Page - Microsemi Corporation APT6010LLLG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VGS=15 &10V
8V
6V
5.5V
6.5V
7V
7.5V
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
9
0
20
40
60
80
100
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
-50
-25
0
25
50
75 100 125 150
140
120
100
80
60
40
20
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
Typical Performance Curves
TJ = +125°C
TJ = +25°C
TJ = -55°C
VDS> ID (ON) x RDS (ON)MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
160
140
120
100
80
60
40
20
0
60
50
30
20
10
0
2.5
2.0
1.5
1.0
0.5
0.0
VGS=10V
VGS=20V
APT6010B2_LLL
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
FIGURE3,LOW VOLTAGE OUTPUTCHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE4, TRANSFERCHARACTERISTICS
FIGURE 5, R
DS(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE
FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE8,ON-RESISTANCEvs.TEMPERATURE
FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE
NORMALIZED TO
V
GS = 10V @ 27A
I
D = 27A
V
GS = 10V
0.0271
0.0656
0.859
0.009
0.0202
0.293
Dissipated Power
(Watts)
T
J (C)
T
C (C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com