Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT6010LLLG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT6010LLLG
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT6010LLLG Datasheet(HTML) 1 Page - Microsemi Corporation

  APT6010LLLG Datasheet HTML 1Page - Microsemi Corporation APT6010LLLG Datasheet HTML 2Page - Microsemi Corporation APT6010LLLG Datasheet HTML 3Page - Microsemi Corporation APT6010LLLG Datasheet HTML 4Page - Microsemi Corporation APT6010LLLG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
T-MAX™
G
D
S
TO-264
B2LL
LLL
• Lower Input Capacitance
• Increased Power Dissipation
• Lower Miller Capacitance
• Easier To Drive
• Lower Gate Charge, Qg
• Popular T-MAX™ or TO-264 Package
Power MOS 7
® is a new generation of low loss, high voltage, N-Channel
enhancement mode power MOSFETS. Both conduction and switching
losses are addressed with Power MOS 7
® by significantly lowering R
DS(ON)
and Q
g. Power MOS 7
® combines lower conduction and switching losses
along with exceptionally fast switching speeds inherent with Microsemi's
patented metal gate structure.
POWER MOS 7 R MOSFET
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250µA)
Drain-Source On-State Resistance 2 (V
GS = 10V, ID = 27A)
Zero Gate Voltage Drain Current (V
DS = 600V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 480V, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Gate Threshold Voltage (V
DS = VGS, ID = 2.5mA)
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J,TSTG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current 1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current 1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Ohms
µA
nA
Volts
MIN
TYP
MAX
600
0.100
100
500
±100
35
APT6010B2_LLL
600
54
216
±30
±40
690
5.52
-55 to 150
300
54
50
3000
APT6010B2LL
APT6010LLL
APT6010B2LL* APT6010LLLG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
600V 54A 0.100
Ω
Ω
Ω
Ω
Ω
Microsemi Website - http://www.microsemi.com


Similar Part No. - APT6010LLLG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6010LLLG MICROSEMI-APT6010LLLG Datasheet
265Kb / 5P
POWER MOS 7 MOSFET
More results

Similar Description - APT6010LLLG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10026L2FLL ADPOW-APT10026L2FLL Datasheet
65Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10035B2LL ADPOW-APT10035B2LL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT1201R4BLL ADPOW-APT1201R4BLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT12067JLL ADPOW-APT12067JLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M10JLL ADPOW-APT20M10JLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M20B2LL ADPOW-APT20M20B2LL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6017JFLL ADPOW-APT6017JFLL_04 Datasheet
166Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT8043BLL ADPOW-APT8043BLL_04 Datasheet
163Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10026L2FLL ADPOW-APT10026L2FLL_03 Datasheet
105Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Microsemi Corporation
APT8024B2FLL MICROSEMI-APT8024B2FLL Datasheet
245Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com