Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60DAM18CTG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTC60DAM18CTG
Description  Boost chopper SiC FWD diode Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60DAM18CTG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTC60DAM18CTG Datasheet HTML 1Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 2Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 3Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 4Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 5Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 6Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTC60DAM18CTG
www.microsemi.com
1 – 7
CR1
VBUS
NTC2
0/VBU S
VBUS SENSE
G2
S2
NTC1
Q2
OUT
VBUS
OUT
OUT
NTC2
NTC1
0/VBUS
S2
S2
G2
G2
VBUS
SENSE
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
143
ID
Continuous Drain Current
Tc = 80°C
107
IDM
Pulsed Drain current
572
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
18
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
833
W
IAR
Avalanche current (repetitive and non repetitive)
20
A
EAR
Repetitive Avalanche Energy
1
EAS
Single Pulse Avalanche Energy
1800
mJ
VDSS = 600V
RDSon = 18mΩ max @ Tj = 25°C
ID = 143A @ Tc = 25°C
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
Features
•
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
•
FWD SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS compliant
Boost chopper
SiC FWD diode
Super Junction
MOSFET Power Module


Similar Part No. - APTC60DAM18CTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60DAM18CTG ADPOW-APTC60DAM18CTG Datasheet
338Kb / 7P
Boost chopper SiC FWD diode Super Junction MOSFET Power Module
More results

Similar Description - APTC60DAM18CTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50DAM38CT ADPOW-APTM50DAM38CT Datasheet
316Kb / 7P
Boost chopper SiC FWD diode MOSFET Power Module
APTC60DAM18CTG ADPOW-APTC60DAM18CTG Datasheet
338Kb / 7P
Boost chopper SiC FWD diode Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTM50DAM38CTG MICROSEMI-APTM50DAM38CTG Datasheet
297Kb / 7P
Boost chopper SiC FWD diode MOSFET Power Module
APT33N90JCCU2 MICROSEMI-APT33N90JCCU2 Datasheet
142Kb / 5P
ISOTOP짰 Boost chopper Super Junction MOSFET SiC chopper diode
APTC60DAM24T1G MICROSEMI-APTC60DAM24T1G Datasheet
311Kb / 6P
Boost chopper Super Junction MOSFET Power Module
APTC60DDAM70CT1G MICROSEMI-APTC60DDAM70CT1G Datasheet
257Kb / 7P
Dual boost chopper Super Junction MOSFET SiC chopper diode
APTC90DAM60CT1G MICROSEMI-APTC90DAM60CT1G Datasheet
226Kb / 6P
Boost chopper Super Junction MOSFET Power Module
APTC90DAM60T1G MICROSEMI-APTC90DAM60T1G Datasheet
209Kb / 5P
Boost chopper Super Junction MOSFET Power Module
APTC90DDA12CT1G MICROSEMI-APTC90DDA12CT1G Datasheet
227Kb / 6P
Dual boost chopper Super Junction MOSFET SiC chopper diode
APTM100DA18CT1G MICROSEMI-APTM100DA18CT1G Datasheet
205Kb / 5P
Boost chopper MOSFET SiC chopper diode Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com