Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60DAM18CTG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTC60DAM18CTG
Description  Boost chopper SiC FWD diode Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60DAM18CTG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTC60DAM18CTG Datasheet HTML 1Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 2Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 3Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 4Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 5Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 6Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APTC60DAM18CTG
www.microsemi.com
2 – 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 600V
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 600V
Tj = 125°C
1000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 71.5A
18
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 4mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±200
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
28
Coss
Output Capacitance
10.2
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.85
nF
Qg
Total gate Charge
1036
Qgs
Gate – Source Charge
116
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 300V
ID = 143A
444
nC
Td(on)
Turn-on Delay Time
21
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
283
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 400V
ID = 143A
RG = 1.2Ω
84
ns
Eon
Turn-on Switching Energy
1608
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 400V
ID = 143A, RG = 1.2Ω
3920
µJ
Eon
Turn-on Switching Energy
2630
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 400V
ID = 143A, RG = 1.2Ω
4824
µJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
0.5
2
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 175°C
1
10
mA
IF
DC Forward Current
Tc = 125°C
100
A
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 100A
Tj = 175°C
2.0
2.4
V
QC
Total Capacitive Charge
IF = 100A, VR = 300V
di/dt =2400A/µs
140
nC
f = 1MHz, VR = 200V
650
C
Total Capacitance
f = 1MHz, VR = 400V
500
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com