Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

930-033-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 930-033-R
Description  HIGH PERFORMANCE, DUAL BAND (2.4/5GHZ) DEVICE FOR WI-FI CONNECTIVITY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

930-033-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  930-033-R Datasheet HTML 1Page - List of Unclassifed Manufacturers 930-033-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2011 Lantronix, Inc. Lantronix, Inc. and PremierWave are registered trademarks of Lantronix, Inc. All other trademarks are the property of respective owners.
Specifications subject to change without notice. All rights reserved. 940-021-R Rev A 2/12
Ordering Information
Asia/Pacific
Call: +852 3428.2338
Email: asiapacific_sales@lantronix.com
Japan
Call: +81.3.6277.8802
Email: japan_sales@lantronix.com
Europe
Call: +31 (0) 76.52.3.6.74 4
Email: EMEA@lantronix.com
Features
> Standards
• IEEE 802.11 a/b/g/n
• IEEE 802.11i
• IEEE 802.3
• IEEE 802.3u
• USB 2.0
> Hardware
• 400MHz ARM 9 processor
• 64MB SDRAM
• 64MB Standard NAND Flash
> Wireless
• Frequency Range – 2.412 - 2.484, 4.900 - 5.925 GHz
• Typical Receive Sensitivity
■
802.11 b/g/n (2.4GHZ)
• -71.0 dBm (<10% PER) @65Mbps
• -74.0 dBm (<10% PER) @54Mbps
• -94.0 dBm (<8% PER) @1Mbps
■
802.11 a/n (5GHZ)
• -69.0 dBm (<10% PER) @65Mbps
• -72.0 dBm (<10% PER) @54Mbps
• -88.0 dBm (<10% PER) @6Mbps
• Typical Transmit Power
■
17 dBm for 802.11b DSSS
■
17 dBm for 802.11b CCK
■
15 dBm for 802.11g/n OFDM
■
12 dBm for 802.11a/n
> Physical Interface
• (2) DB9M (DTE) Serial Connectors
■
Software selectable RS-232/422/485
■
Data rates – up to 921 Kbps
■
15 KV ESD Protection
• (2) USB ports – Type A Host Connectors
• (1) RJ-45 Ethernet port
■
10/100Mbps
■
1.5 KV Surge Isolation
• (1) Reset Button
• (1) WPS Button
• (1) 12VDC Plug-in Connector
• (1) Power Terminal Block
■
9 to 30 VDC
> LED Indicators
• Power
• Status
• Wi-Fi Wireless Signal Strength
• (2) USB
• (2) Serial
• RJ-45 Ethernet (Activity/Link)
> Physical Dimensions
Size: L x W x H
11cm (4.3 in) X 8.9cm (3.5 in) x 2.6cm (1.0 in)
Weight: 0.35 kg (0.77 lb)
> Supported Software and Features
• DeviceInstaller™ supports:
■
Windows
■
XP/Vista
■
7 (32/64-bit versions)
■
Server 2003/2008 (32/64-bit versions)
• Secure Com Port Redirector™
• Lantronix SmartRoam™
• QuickConnect
• Wireless Bridging
> Security
• Ethernet
■
SSL v3 (2048-bit), SSH v2 (1024-bit) Client & Server
■
Encryption: AES-CCMP, 3DES, RC4
■
Authentication: SHA-1, MD5, Base-64
• Wireless
■
Encryption: TKIP, WEP (64/128-bit), WPA, WPA2 , AES-CCMP
■
Authentication: PSK, EAP (TLS, TTLS, PEAP)
> Management
• Web Manager (SSL option for secure login)
• CLI (over Serial Ports, Telnet or SSH)
• XML Configuration Records via CLI or FTP
• Supports SNMP v2
> Environmental
• Operating Temp: -40° to 70° C (-40° to 158° F)
• Storage Temp: -40° to 85° C (-40° to 185° F)
• Relative Humidity: 5 to 95%, Non-condensing
• IP Rating: 30
• ESD tolerance: Contact Discharge= 4Kv; Air Discharge=8Kv
> Power
• Input: 2 x DC (barrel and terminal), 9-30 VDC
• Power Consumption: Without USB Load 9V= 1.76W, 30V= 2.25W;
Full USB Load 9V= 7.2W, 30V= 8.1W
• Power Supply (100-240 VAC, 50-60 Hz, 12 VDC @ 1A) with regional
adapters
> Certifications
• Emissions – FCC, CE, IC, C-Tick
• Safety – UL
• Wi-Fi
• REACH
• RoHS
> Warranty
• 5-Year Limited
United States
Call: 800.422.7055
Email: sales@lantronix.com
Buy Online: http://www.lantronix.com
> Part Number
> Description
PXN210002-01U
PremierWave XN 802.11a/b/g/n Device Server
without I/O, 2 x Serial, 2 x USB, 10/100Mbps,
Universal Power Supply 100-240 VAC, US
PXN210002-01E
PremierWave XN 802.11a/b/g/n Device Server
without I/O, 2 x Serial, 2 x USB, 10/100Mbps,
Universal Power Supply 100-240 VAC, EUROPE
PXN210002-01J
PremierWave XN 802.11a/b/g/n Device Server
without I/O, 2 x Serial, 2 x USB, 10/100Mbps,
Universal Power Supply 100-240 VAC, JAPAN
> Accessories
930-033-R
External Antenna for PremierWave XN
2.15 dBi, Reverse Polarity, SMA Connector
520-090-R
External Power Supply with Regional
Adapters, 100-240 VAC, 50-60Hz, 12 VDC @1A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com