Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

930-033-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 930-033-R
Description  HIGH PERFORMANCE, DUAL BAND (2.4/5GHZ) DEVICE FOR WI-FI CONNECTIVITY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

930-033-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  930-033-R Datasheet HTML 1Page - List of Unclassifed Manufacturers 930-033-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Medical
Device Server
HIGH PERFORMANCE, DUAL
BAND (2.4/5GHZ) DEVICE
FOR WI-FI CONNECTIVITY
PremierWave® XN is a multi-port device
server that offers high performance
Ethernet or Wireless connectivity for
remote access and easy management of
machines or equipment over the network
and across the Internet.
PremierWave XN provides bullet-proof security by offering robust
data encryption and authentication options including AES, SSH and
SSL. Remote configuration over a network is possible using Telnet,
SSH, or web browser (HTTP and HTTPS).
Equipped with the market leading “Lantronix device server
application suite”, the PremierWave XN provides control of serial
communication on connected devices and the flexibility to have data
globally available. Advanced Applications Suite includes: basic &
secure tunneling application, web-based configuration manager and
robust system level and diagnostic utilities.
Additionally, Lantronix’ proprietary Secure ComPort Redirector™
software allows existing serial port applications to work without
code modifications.
Designed with 802.11n technology, the PremierWave XN employs
antenna diversity for optimal wireless performance, signal reliability,
and extended range of wireless transmissions.
With the exclusive SmartRoam technology from Lantronix, the
PW-XN provides seamless mobile connectivity. By tracking the
signal strength of Access Points (AP) within range along with pre-
authentication and caching, smooth and automatic transition to an
access point occurs without delay.
Configuration of PremierWave XN is simple with the included
Windows-based DeviceInstaller.™ With the Lantronix QuickConnect
Manager, PremierWave XN provides an easy connection to the
wireless network through a Web-based interface.
PremierWave XN Highlights:
> Increased wireless speed, improved reliability and
extended transmission range with dualband 802.11n
> Lantronix SmartRoam™ technology provides seamless
mobile connectivity and improved reliability
> Enterprise-level security options including AES, SSL,
SSH and EAP for data encryption and authentication
> Simple device set-up, configuration and monitoring
with powerful, industry-standard management
tools (Web, CLI, XML), Lantronix DeviceInstaller™,
QuickConnect, and WPS support
PremierWave® XN
Ethernet and Wi-Fi
Device Server


Similar Part No. - 930-033-R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
Connectors and Accessories
More results

Similar Description - 930-033-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDWA01 ETC2-SDWA01 Datasheet
745Kb / 16P
Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
logo
World Produts Inc.
WPANT30069-S1A WPI-WPANT30069-S1A Datasheet
195Kb / 3P
2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
logo
Taoglas antenna solutio...
SDWA01 TAOGLAS-SDWA01 Datasheet
1Mb / 19P
Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
FXP830090100C TAOGLAS-FXP830090100C Datasheet
432Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8GHz Dipole Antenna
FXP830240100B TAOGLAS-FXP830240100B Datasheet
453Kb / 14P
FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
logo
World Produts Inc.
WPANT30069-S1A WPI-WPANT30069-S1A_15 Datasheet
193Kb / 3P
2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
Tripp Lite. All Rights ...
U263-AC600 TRIPPLITE-U263-AC600 Datasheet
182Kb / 3P
Dual-Band USB Wi-Fi Adapter - 2.4 GHz and 5 GHz
logo
Molex Electronics Ltd.
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
2143890001 MOLEX-2143890001 Datasheet
84Kb / 1P
2.4GHz/ 5GHz Dual Band Wi-Fi High Gain External Antenna, with N-J Connector
03/14/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com