Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350SCPR Datasheet(PDF) 8 Page - BASIC SEMICONDUCTOR

Part # BTD5350SCPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350SCPR Datasheet(HTML) 8 Page - BASIC SEMICONDUCTOR

Back Button BTD5350SCPR Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.basicsemi.com
8/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
SYMBOL
PARAMETER
TESTCONDITIONS
MIN TYP MAX UNIT
CLR External Clearance
-
8.5
-
- mm
CPG External Creepage
-
8.5
-
-
DTI Distance through the insulation
-
17
-
- µm
CTI Comparative tracking index
DIN EN 60112
600
-
-
V
Overvoltage category per IEC 60664-1 Rated mains voltage≤600Vrms
I-III
-
-
-
Rated mains voltage≤1000Vrms
I-II
-
-
DINVVDE0884–11
VIORM Maximum repetitive peak isolation
voltage
AC voltage (bipolar)
2121 -
-
VPK
VIOWM Maximum isolation working voltage AC voltage (sine wave); time dependent
dielectric breakdown (TDDB) test
1500 -
- Vrms
VIOTM Maximum transient isolation voltage VTEST=VIOTM=VISO, t=60s(qualification);
VTEST=VIOTM=1.2×VISO, t=1s (100% production)
7000 -
-
VPK
VIOSM Maximum surge isolation voltage
Test method per IEC 62368-1, 1.2/50-μs
waveform, VTEST=1.6×VIOSM(qualification)
8000 -
-
qpd Apparent charge
Method a: After I/O safety test subgroup 2/3,
Vini=VIOTM, tini=60s, Vpd(m)=1.2×VIORM, tm=10s
-
-
5
pC
Method a: After environmental tests subgroup 1,
Vini=VIOTM, tini=60s, Vpd(m)=1.6×VIORM, tm=10s
-
-
5
Method b1: At routine test (100% production)
and preconditioning (type test), Vini=1.2×VIOTM,
tini=1s, Vpd(m)=1.875×VIORM, tm=1s
-
-
5
CIO Barrier capacitance, input to output VIO=0.4×sin(2πft), f=1MHz
-
1.2
-
pF
RIO Isolation resistance, input to output
Test voltage of 500V, TA=25℃
1012
-
-
Ω
Test voltage of 500V, 100℃≤TA≤125℃
1011
-
-
Test voltage of 500V, TS=150℃
109
-
-
Pollution degree
-
-
2
-
-
UL1577
VISO Withstand isolation voltage
VTEST=VISO, t=60s(qualification); VTEST=1.2×VISO,
t=1s (100% production)
5000 -
- Vrms
7.6.2SOW-8SafetyParameters
UL
VDE
CQC
Recognized under UL 1577
Component Recognition Program
Plan to certify according to DIN V VDE
V0884-11:2017-01 and DIN EN 61010-1
Plan to certify according
to GB 4943.1-2011
Single protection, 5000 VRMS
Reinforced Insulation
Maximum Transient isolation Overvoltage, 7000 VPK;
Maximum Repetitive Peak Isolation Voltage, 2121 VPK;
Maximum Surge Isolation Voltage, 8000 VPK
Reinforced Insulation,
Altitude≤5000 m,
Tropical Climate
File Number:E537161
Certification planned
Certification planned
7.6.3SOW-8PackingSafety-RelatedCertifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com