Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350SCPR Datasheet(PDF) 17 Page - BASIC SEMICONDUCTOR

Part # BTD5350SCPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350SCPR Datasheet(HTML) 17 Page - BASIC SEMICONDUCTOR

Back Button BTD5350SCPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 15Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 16Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 17Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 18Page - BASIC SEMICONDUCTOR BTD5350SCPR Datasheet HTML 19Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
www.basicsemi.com
17/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
11.2PackingInformation
Reel Width(W1)
REEL DIMENSIONS
Reel
Diameter
ITEM
FOOTPRINT
Reel Diameter
13 inches
Reel Width(W1)
12.4mm
A0(5.30±0.10)
P0(4.00±0.10)
P2(2.00±0.10)
P(8.00±0.10)
D0(φ1.50-1.60)
T(0.30±0.05)
11.2.1SOP-8PackingInformation
Note: 1) Legend unit: mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com