Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350EBPR Datasheet(PDF) 12 Page - BASIC SEMICONDUCTOR

Part # BTD5350EBPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350EBPR Datasheet(HTML) 12 Page - BASIC SEMICONDUCTOR

Back Button BTD5350EBPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 15Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 16Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.basicsemi.com
12/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
9.4.3Short-CircuitClamping
In short-circuit conditions, the gate voltage of the power devices tend to rise, so the short-circuit clamping function
is used to clamp its gate voltage. The short-circuit clamping function helps protect the IGBT or MOSFET gates
from overvoltage breakdown or degradation. The short circuit clamping function is implemented by adding a
diode between the OUT, OUTL or CLAMP pins and the VCC2 pins inside the driver. The internal diode can carry a
current up to 500mA for 10µs or a continuous current of 20mA. Use external Schottky diodes to improve current
conduction capability as needed.
9.4.4ActivePull-Down
The active pull-down function is used to pull the IGBT or MOSFET gate to the low state when no power is connected to
the VCC2. This feature prevents false IGBT and MOSFET turn-on on the OUT, OUTL and CLAMP pins by clamping the out-
put to approximately 2V.
9.5ESDStructure
The figure below shows the ESD-protected diode configuration of the input and output pins.
Figure10.ESDStructureDiagram
9.6TruthTable
6
7
5
1
3
2
4
8
18V
35V
IN+
IN-
OUTH
OUTL
GND1
VEE2
VCC1
VCC2
5.5V
IN+
IN-
VCC1 VCC2 OUTH OUTL
X
X
<UVLO
X
Hi-Z
L
X
X
X
<UVLO Hi-Z
L
H
L
>UVLO >UVLO
H
Hi-Z
H
H
>UVLO >UVLO Hi-Z
L
L
L
>UVLO >UVLO Hi-Z
L
L
H
>UVLO >UVLO Hi-Z
L
BTD5350S
IN+
IN-
VCC1 VCC2 OUT
X
X
<UVLO
X
L
X
X
X
<UVLO
L
H
L
>UVLO >UVLO
H
H
H
>UVLO >UVLO
L
L
L
>UVLO >UVLO
L
L
H
>UVLO >UVLO
L
BTD5350MandBTD5350E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com