Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350EBPR Datasheet(PDF) 14 Page - BASIC SEMICONDUCTOR

Part # BTD5350EBPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350EBPR Datasheet(HTML) 14 Page - BASIC SEMICONDUCTOR

Back Button BTD5350EBPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 15Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 16Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 17Page - BASIC SEMICONDUCTOR BTD5350EBPR Datasheet HTML 18Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.basicsemi.com
14/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
10.2RecommendedDesignOfSecondarySideSupply
In order to avoid false turn-on of the gate of the power device due to interference, it is recommended that customers
add a negative power supply when designing the driving output. It is recommended to use the following two methods
to generate the negative supply: use a regulator to generate stable negative voltage (see Figure 14); or use both positive
and negative supplies (see Figure 15).
Figure14.VoltageRegulatorDesign
Figure15.Dual-SupplyDesign
C3
20V
VCC1
GND1
IN+
IN-
VCC2
OUTH
OUTL
VEE2
RGOFF
RGON
Signal
Emitter
CA1
RZ
CA2
VCC1
GND1
IN+
IN-
VCC2
OUT
GND2
VEE2
RG
Signal
Emitter
CA1
+
-
+
-
CA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com