Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PPCA-F32K Datasheet(PDF) 28 Page - 3M Electronics

Part # VOL-PPCA-F32K
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PPCA-F32K Datasheet(HTML) 28 Page - 3M Electronics

Back Button VOL-PPCA-F32K Datasheet HTML 24Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 25Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 26Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 27Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 28Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 29Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 30Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 31Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 32Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
1.1
Copper Cabling
1.1.5
Overview
Horizontal Cables - Overview
Description
26
A complete range of cables which offer superior electrical perfor-
mance. Available in both Category 5e and 6, the 100Ω cables can
be used to obtain a Class D link (Cat 5e) or Class E link (Cat 6)
(ISO/IEC 11801, EN50173 or TIA/EIA-568) with different degrees of
protection (UTP, FTP, SFTP, FFTP).
The 100Ω cables are recommended for high speed data transmis-
sion within local area networks (LANS), horizontal cabling between
intermediate cross connects and the connection panel.
Physical Characteristics
Product
Conductor
Insulation
Sheath
Shield
Cat 5e UTP
Electrolytic copper
Medium density
PVC or LS0H
-
(AWG 24)
polyethylene
Ø 4.8 mm
Cat 6 UTP
Electrolytic copper
Medium density
PVC or LS0H
-
(AWG 24)
polyethylene
Ø 6.4 mm
Cat 5e FTP
Electrolytic copper
Skim/foam
PVC or LS0H
Aluminium/Polyester tape
(AWG 24)
skin polyethylene
Ø 5.9 mm
with continuity wire
Cat 6 FTP
Electrolytic copper
Skim/foam
PVC or LS0H
Aluminium/Polyester tape
(AWG 24)
skin polyethylene
Ø 7.0 mm
with continuity wire
Cat 6 FFTP
Electrolytic copper
Skim/foam
PVC or LS0H
Aluminium/Polyester tape
(AWG 24)
skin polyethylene
Ø 7.7 mm
with continuity wire
Electrical Characteristics at 20°C
Product
Conductor
Insulation resistance
Characteristics impedance
Velocity of
Dielectric Strength at
Resistance (Ω/km)
(MΩxkm)
(Ω) (f=1/100MHz)
propagation (%)
50Hz (kV/1min)
Cat 5e UTP
98.6
5000
100 ±15
66
1
Cat 6 UTP
98.6
5000
100 ±18
66
1
Cat 5e FTP
98.6
5000
100 ±15
78
1
Cat 6 FTP
98.6
5000
100 ±18
66
1
Cat 6 FFTP
98.6
5000
100 ±18
66
1
Mechanical Characteristics
Product
Conductor Ø
Insulation Ø
Min bend radius during
Max. Pulling
Nominal weight
(mm)
(mm)
installation (mm)
Tension (N)
(kg/km)
Cat 5e UTP
0.51
0.90
40
80
30
Cat 6 UTP
0.54
0.96
55
90
40
Cat 5e FTP
0.51
0.98
50
80
38
Cat 6 FTP
0.51
1.10
60
80
52
Cat 6 FFTP
0.51
1.10
60
80
57
Highlights
• Category 5e or 6
•From 100 to 350 MHz maximum frequency
• UTP, FTP, SFTP or FFTP version
• PVC or LSOH sheath
• Supplied in boxes or reels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com